Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD44H11 Datasheet (PDF) - Nexperia B.V. All rights reserved

MJD44H11 Datasheet PDF - Nexperia B.V. All rights reserved
Part # MJD44H11
Download  MJD44H11 Download
File Size   241.83 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 80 V, 8 A NPN high power bipolar transistor

MJD44H11 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD44H11 Datasheet PDF - Nexperia B.V. All rights reserved

Part # MJD44H11
Download  MJD44H11 Click to download

File Size   241.83 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 80 V, 8 A NPN high power bipolar transistor

MJD44H11 Datasheet (HTML) - Nexperia B.V. All rights reserved


MJD44H11 Product details

1. General description
NPN high power bipolar transistor in a power DPAK, TO-252 (SOT428C) Surface-Mounted Device
(SMD) plastic package.
PNP complement: MJD45H11

2. Features and benefits
• High thermal power dissipation capability
• High energy efficiency due to less heat generation
• Electrically similar to popular MJD44H series
• Low collector emitter saturation voltage
• Fast switching speeds

3. Applications
• Power management
• Load switch
• Linear mode voltage regulator
• Constant current drive backlighting application
• Motor drive
• Relay replacement




Similar Part No. - MJD44H11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD44H11 MOTOROLA-MJD44H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
logo
ON Semiconductor
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
STMicroelectronics
MJD44H11 STMICROELECTRONICS-MJD44H11 Datasheet
64Kb / 5P
COMPLEMENTARY SILICON PNP TRANSISTORS
Jul-1997
logo
Fairchild Semiconductor
MJD44H11 FAIRCHILD-MJD44H11 Datasheet
36Kb / 4P
General Purpose Power and Switching Such as Output or Driver Stages in Applications D-PAK for Surface Mount Applications
logo
STMicroelectronics
MJD44H11 STMICROELECTRONICS-MJD44H11 Datasheet
152Kb / 5P
COMPLEMENTARY SILICON PNP TRANSISTORS
May-2003
More results


Similar Description - MJD44H11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N3019HR STMICROELECTRONICS-2N3019HR Datasheet
166Kb / 9P
Hi-Rel NPN bipolar transistor 80 V, 1 A
05-Oct-2012
2N3700HR STMICROELECTRONICS-2N3700HR Datasheet
286Kb / 12P
Hi-Rel 80 V - 1 A NPN bipolar transistor
30-Nov-2011
2N5154HR STMICROELECTRONICS-2N5154HR Datasheet
556Kb / 10P
Hi-Rel NPN bipolar transistor 80 V - 5 A
12-Sep-2012
logo
ON Semiconductor
NJW44H11G ONSEMI-NJW44H11G Datasheet
101Kb / 5P
80 V NPN, 10 A Power Transistor
September, 2013 ??Rev. 0
logo
Nexperia B.V. All right...
PHPT61003NY NEXPERIA-PHPT61003NY Datasheet
732Kb / 17P
100 V, 3 A NPN high power bipolar transistor
logo
ON Semiconductor
MJK44H11 ONSEMI-MJK44H11 Datasheet
1Mb / 6P
Power Transistor 80 V, 8 A Dual General Purpose NPN
September, 2022 - Rev. 0
logo
Nexperia B.V. All right...
MJD44H11A NEXPERIA-MJD44H11A Datasheet
242Kb / 12P
80 V, 8 A NPN high power bipolar transistor
12 September 2019
MJD45H11 NEXPERIA-MJD45H11 Datasheet
241Kb / 12P
80 V, 8 A PNP high power bipolar transistor
12 September 2019
MJD45H11A NEXPERIA-MJD45H11A Datasheet
242Kb / 12P
80 V, 8 A PNP high power bipolar transistor
3 February 2021
BCX56T_SER NEXPERIA-BCX56T_SER Datasheet
239Kb / 12P
80 V, 1 A NPN power bipolar transistors
Rev. 1 - 22 August 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com