Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJK44H11 Datasheet (PDF) - ON Semiconductor

MJK44H11 Datasheet PDF - ON Semiconductor
Part # MJK44H11
Download  MJK44H11 Download
File Size   1668.12 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Transistor 80 V, 8 A Dual General Purpose NPN

MJK44H11 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJK44H11 Datasheet PDF - ON Semiconductor

Part # MJK44H11
Download  MJK44H11 Click to download

File Size   1668.12 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Transistor 80 V, 8 A Dual General Purpose NPN

MJK44H11 Datasheet (HTML) - ON Semiconductor


MJK44H11 Product details

Designed for general purpose power and switching applications
such as regulators, converters and power amplifiers. Housed
in advanced LFPAK package (5 x 6 mm) with excellent thermal
conduction. Automotive end applications include air bag deployment,
power train control units, and instrument clusters.

Features
• Complementary NPN: MJK45H11
• NJV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Similar Part No. - MJK44H11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJK45H11 ONSEMI-MJK45H11 Datasheet
1Mb / 6P
Power Transistor 80 V, 8 A Dual General Purpose PNP
September, 2022 - Rev. 0
MJK45H11TWG ONSEMI-MJK45H11TWG Datasheet
1Mb / 6P
Power Transistor 80 V, 8 A Dual General Purpose PNP
September, 2022 - Rev. 0
More results


Similar Description - MJK44H11

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PUMX1 UTC-PUMX1 Datasheet
63Kb / 2P
NPN GENERAL PURPOSE DUAL TRANSISTOR
PUMX1 UTC-PUMX1_08 Datasheet
151Kb / 2P
NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
Pan Jit International I...
BC847BS-AU PANJIT-BC847BS-AU Datasheet
239Kb / 7P
NPN GENERAL PURPOSE DUAL TRANSISTOR
logo
ON Semiconductor
NJW44H11G ONSEMI-NJW44H11G Datasheet
101Kb / 5P
80 V NPN, 10 A Power Transistor
September, 2013 ??Rev. 0
MJK45H11 ONSEMI-MJK45H11 Datasheet
1Mb / 6P
Power Transistor 80 V, 8 A Dual General Purpose PNP
September, 2022 - Rev. 0
logo
Nexperia B.V. All right...
BSR43 NEXPERIA-BSR43 Datasheet
219Kb / 8P
80 V, 1 A NPN medium power transistor
1 October 2022
MJD44H11 NEXPERIA-MJD44H11 Datasheet
241Kb / 12P
80 V, 8 A NPN high power bipolar transistor
12 September 2019
MJD44H11A NEXPERIA-MJD44H11A Datasheet
242Kb / 12P
80 V, 8 A NPN high power bipolar transistor
12 September 2019
BSR43-Q NEXPERIA-BSR43-Q Datasheet
188Kb / 8P
80 V, 1 A NPN medium power transistor
9 December 2021
logo
ON Semiconductor
MJK31C ONSEMI-MJK31C Datasheet
1Mb / 6P
Power Transistor, NPN, Dual General Purpose 100 V, 3 A
April, 2022 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com