Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJK31C Datasheet (PDF) - ON Semiconductor

MJK31C Datasheet PDF - ON Semiconductor
Part # MJK31C
Download  MJK31C Download
File Size   1686.3 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Transistor, NPN, Dual General Purpose 100 V, 3 A

MJK31C Datasheet (PDF)

Go To PDF Page Download Datasheet
MJK31C Datasheet PDF - ON Semiconductor

Part # MJK31C
Download  MJK31C Click to download

File Size   1686.3 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power Transistor, NPN, Dual General Purpose 100 V, 3 A

MJK31C Datasheet (HTML) - ON Semiconductor


MJK31C Product details

Features
• Complementary PNP: MJK32C
• NJV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Similar Part No. - MJK31C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJK44H11 ONSEMI-MJK44H11 Datasheet
1Mb / 6P
Power Transistor 80 V, 8 A Dual General Purpose NPN
September, 2022 - Rev. 0
MJK44H11TWG ONSEMI-MJK44H11TWG Datasheet
1Mb / 6P
Power Transistor 80 V, 8 A Dual General Purpose NPN
September, 2022 - Rev. 0
MJK45H11 ONSEMI-MJK45H11 Datasheet
1Mb / 6P
Power Transistor 80 V, 8 A Dual General Purpose PNP
September, 2022 - Rev. 0
MJK45H11TWG ONSEMI-MJK45H11TWG Datasheet
1Mb / 6P
Power Transistor 80 V, 8 A Dual General Purpose PNP
September, 2022 - Rev. 0
logo
Vishay Siliconix
MJKEA VISHAY-MJKEA Datasheet
138Kb / 10P
Standard Thick Film Chip Resistors
05-Aug-2022
More results


Similar Description - MJK31C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC847BS NXP-BC847BS Datasheet
92Kb / 12P
45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 03-18 February 2009
BC847BS NXP-BC847BS Datasheet
92Kb / 12P
45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 03-18 February 2009
BC847QAS NXP-BC847QAS Datasheet
204Kb / 13P
45 V, 100 mA NPN/NPN general-purpose transistor
8 July 2015
logo
Nexperia B.V. All right...
PHPT61003NY NEXPERIA-PHPT61003NY Datasheet
732Kb / 17P
100 V, 3 A NPN high power bipolar transistor
logo
ON Semiconductor
MJK44H11 ONSEMI-MJK44H11 Datasheet
1Mb / 6P
Power Transistor 80 V, 8 A Dual General Purpose NPN
September, 2022 - Rev. 0
logo
Nexperia B.V. All right...
BC846BS NEXPERIA-BC846BS Datasheet
246Kb / 12P
65 V, 100 mA NPN/NPN general-purpose transistor
1 July 2022
BC847BS-Q NEXPERIA-BC847BS-Q Datasheet
241Kb / 11P
45 V, 100 mA NPN/NPN general-purpose transistor
17 June 2021
BC847DS NEXPERIA-BC847DS Datasheet
1Mb / 12P
45 V, 100 mA NPN/NPN general-purpose transistor
Rev. 01 - 25 August 2009
MJD31C NEXPERIA-MJD31C Datasheet
230Kb / 11P
100 V, 3 A NPN high power bipolar transistor
16 September 2020
PUMX1 NEXPERIA-PUMX1 Datasheet
717Kb / 8P
40 V, 100 mA NPN/NPN general-purpose transistor
Rev. 04 - 20 January 2010
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com