Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX3302 Datasheet (PDF) - Microsemi Corporation

LX3302 Datasheet PDF - Microsemi Corporation
Part # LX3302
Download  LX3302 Download
File Size   379.51 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description The LX3302 is the second member of Microsemi’s new family of smart sensor interface products

LX3302 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX3302 Datasheet PDF - Microsemi Corporation

Part # LX3302
Download  LX3302 Click to download

File Size   379.51 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description The LX3302 is the second member of Microsemi’s new family of smart sensor interface products

LX3302 Datasheet (HTML) - Microsemi Corporation


LX3302 Product details

Key Features
• Embedded 32-bit processing engine with 12 KB
program memory
• Two sensor input channels with integrated demodulator
• Internal oscillator with frequency range of 1 to 5 MHz
• Dual 13-bit ADC with sample rates to 2kHz
• User-programmable 32 x 16-bit non-volatile configuration
memory
• Linearization algorithm with:
o Eight user-defined linearization points
o Programmable origin and end points
o Programmable low and high plateau levels
• Multiple diagnostics features (ISO26262 compliant)
• Host interface: analog , PWM, PSI5, and SENT
(J2716 JAN2010)
• 8kV ESD protection (HBM) on power, ground, Mux-
Pins
• 4.5V to 5.6V input voltage; 10mA (typical) operating
current
• -40 to 150 °C operation, AEC-Q100 grade 0 certified

Description
The LX3302 is the second member of Microsemi’s new family
of smart sensor interface products. Designed to process
inductive sensors which are based upon linear variable
differential transformer (LVDT) principles, this new dee
integrates two complete analog channels, oscillator/exciter,
32-bit RISC processor, non-volatile configuration memory, and
four programmable I/O which support a variety of interface
options. In addition, the LX3302 provides internal 8kV (HBM)
ESD protection on the power, ground, and system interface
pins, eliminating the need for external protection components.




Similar Part No. - LX3302

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX3301A MICROSEMI-LX3301A Datasheet
996Kb / 21P
Inductive Sensor Interface IC with Embedded MCU
LX3301AQPW MICROSEMI-LX3301AQPW Datasheet
996Kb / 21P
Inductive Sensor Interface IC with Embedded MCU
LX3301AQPW-TR MICROSEMI-LX3301AQPW-TR Datasheet
996Kb / 21P
Inductive Sensor Interface IC with Embedded MCU
More results


Similar Description - LX3302

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
a member of the M68HC05 family of HCMOS
logo
Sharp Corporation
GW6TGCBG4FD SHARP-GW6TGCBG4FD Datasheet
3Mb / 2P
Introducing the Newest Member of the Zenigata Family
logo
STMicroelectronics
AN1335 STMICROELECTRONICS-AN1335 Datasheet
214Kb / 10P
ST10F280 is a new member of ST10 family
Sep-2013
logo
ATMEL Corporation
STK520 ATMEL-STK520 Datasheet
773Kb / 24P
STK520 is a New Member of the Successful STK500 Starter Kit Family
STK521 ATMEL-STK521 Datasheet
1Mb / 22P
Atmel AVR STK521 is a new member of the successful Atmel STK500 starter kit family
logo
NXP Semiconductors
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
68HC805K3 NXP-68HC805K3 Datasheet
1Mb / 119P
The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
Rev. 1.0
68HC805P18 NXP-68HC805P18 Datasheet
1Mb / 111P
The Motorola MC68HC805P18 microcontroller is a member of the M68HC05
Rev. 1.0
MC68HC05BD3 NXP-MC68HC05BD3 Datasheet
1Mb / 112P
The MC68HC05BD3 HCMOS microcontroller is a member of the M68HC05 Family of low-cost single-chip microcontrollers.
logo
ams AG
LOE67B AMSCO-LOE67B Datasheet
1Mb / 23P
PowerTOPLED, a powerful member of the TOPLED family.
Version 1.2 2022-09-01
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com