Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX7710 Datasheet (PDF) - Microsemi Corporation

LX7710 Datasheet PDF - Microsemi Corporation
Part # LX7710
Download  LX7710 Download
File Size   459.74 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 125V Octal Series Diode Pairs Array with Redundancy

LX7710 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX7710 Datasheet PDF - Microsemi Corporation

Part # LX7710
Download  LX7710 Click to download

File Size   459.74 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 125V Octal Series Diode Pairs Array with Redundancy

LX7710 Datasheet (HTML) - Microsemi Corporation


LX7710 Product details

Description
The LX7710 is a diode array that features high
breakdown voltage diodes with ESD protection and
built-in redundancy. The array contains 8 series
connected diode pairs, and is intended for power
ORing applications. The series connected diodes are
intended to be redundant should one of the diodes fail
in a short circuit. Individual diodes within the array
have 125V working voltage and can handle up to
700mA of continuous current. ESD protection is also
included; the two series ESD diodes have a working
voltage of 100V each for a total of 200V. The LX7710
is available in a 20 pin ceramic SOIC package and is
QML-V and QML-Q certified.

Features
 125V Minimum Breakdown Voltage Even If
One Diode in Any String Happens to Fail
(redundant)
 700mA Current Capability per Diode
 Low Leakage Current
 ESD Protected
 Rad-tolerant to a Minimum 100krad(Si) TID
and SEL Immunity to a Minimum of 87MeV
cm2/mg

Applications
 Power ORing
 Redundant Power Sourcing
 Aerospace Satellite Manufacturers
 Military Power Electronics Control




Similar Part No. - LX7710

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX7730 MICROSEMI-LX7730 Datasheet
3Mb / 54P
64 Analog Input Telemetry Controller for Space
June 2020 rev 2.4
LX7730LMFQ-EQ MICROSEMI-LX7730LMFQ-EQ Datasheet
3Mb / 54P
64 Analog Input Telemetry Controller for Space
June 2020 rev 2.4
LX7730LMFQ-EV MICROSEMI-LX7730LMFQ-EV Datasheet
3Mb / 54P
64 Analog Input Telemetry Controller for Space
June 2020 rev 2.4
LX7730LMMF MICROSEMI-LX7730LMMF Datasheet
3Mb / 54P
64 Analog Input Telemetry Controller for Space
June 2020 rev 2.4
LX7730MFQ-ES MICROSEMI-LX7730MFQ-ES Datasheet
3Mb / 54P
64 Analog Input Telemetry Controller for Space
June 2020 rev 2.4
More results


Similar Description - LX7710

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG485 VISHAY-DG485 Datasheet
108Kb / 11P
Octal Analog Switch Array
06-Sep-99
logo
Texas Instruments
TIED87 TI-TIED87 Datasheet
181Kb / 4P
REFERENCE DIODE PAIRS
logo
PULS GmbH
SLR5.100 PULS-SLR5.100 Datasheet
332Kb / 2P
Redundancy
SLR2.100 PULS-SLR2.100 Datasheet
479Kb / 2P
Baby with redundancy
logo
PHOENIX CONTACT
2866527 PHOENIX-2866527 Datasheet
78Kb / 5P
Redundancy module - TRIO-DIODE/48DC/2X10/1X20
2866585 PHOENIX-2866585 Datasheet
70Kb / 5P
Redundancy module - QUINT-DIODE/48DC/40
2905489 PHOENIX-2905489 Datasheet
74Kb / 5P
Redundancy module - UNO-DIODE/5-24DC/2X10/1X20
logo
Bourns Electronic Solut...
CDSOT23-T03-Q BOURNS-CDSOT23-T03-Q Datasheet
932Kb / 5P
TVS Diode Array Series
logo
Vishay Siliconix
DG485 VISHAY-DG485_V01 Datasheet
118Kb / 12P
Octal Analog Switch Array
06-Sep-99
logo
Littelfuse
SP8008 LITTELFUSE-SP8008 Datasheet
847Kb / 5P
Series Diode Array
2019 Littelfuse, Inc.
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com