Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX7730LMMF Datasheet (PDF) - Microsemi Corporation

LX7730LMMF Datasheet PDF - Microsemi Corporation
Part # LX7730LMMF
Download  LX7730LMMF Download
File Size   3113.72 Kbytes
Page   54 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 64 Analog Input Telemetry Controller for Space

LX7730LMMF Datasheet (PDF)

Go To PDF Page Download Datasheet
LX7730LMMF Datasheet PDF - Microsemi Corporation

Part # LX7730LMMF
Download  LX7730LMMF Click to download

File Size   3113.72 Kbytes
Page   54 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 64 Analog Input Telemetry Controller for Space

LX7730LMMF Datasheet (HTML) - Microsemi Corporation


LX7730LMMF Product details

Features
• 64 channel analog input multiplexer
• Break-Before-Make switching
• 13ksps 12-bit ADC
• 1% precision 5V voltage reference
• 3% precision adjustable current source
• Threshold monitoring
• 8 bi-level analog inputs and logic outputs
• 8 additional bi-level inputs from the multiplexer
• 10-bit DAC
• Parallel interface or dual SPI interface
• Radiation tolerant: 100krad(Si) TID, 50krad(Si)
ELDRS, SEL immune up to 87MeV.cm²/mg and
125°C (fluence of 108 particles/cm²)

Applications
• Spacecraft health monitoring
• Attitude control
• Payload equipment




Similar Part No. - LX7730LMMF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX7710 MICROSEMI-LX7710 Datasheet
459Kb / 6P
125V Octal Series Diode Pairs Array with Redundancy
December 2016 Rev. 1.2
LX7710MDWC-ES MICROSEMI-LX7710MDWC-ES Datasheet
459Kb / 6P
125V Octal Series Diode Pairs Array with Redundancy
December 2016 Rev. 1.2
LX7710MDWC-Q MICROSEMI-LX7710MDWC-Q Datasheet
459Kb / 6P
125V Octal Series Diode Pairs Array with Redundancy
December 2016 Rev. 1.2
LX7710MDWC-V MICROSEMI-LX7710MDWC-V Datasheet
459Kb / 6P
125V Octal Series Diode Pairs Array with Redundancy
December 2016 Rev. 1.2
More results


Similar Description - LX7730LMMF

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1506GV NEC-UPB1506GV Datasheet
143Kb / 20P
3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
logo
NXP Semiconductors
SAA6713AH PHILIPS-SAA6713AH Datasheet
498Kb / 100P
XGA analog input flat panel controller
2004 Apr 05
logo
ON Semiconductor
AND8058 ONSEMI-AND8058 Datasheet
26Kb / 4P
Two New Analog Switches Set Standards for Space Efficiency
April, 2001 ??Rev. 0
logo
List of Unclassifed Man...
7PCV2415 ETC1-7PCV2415 Datasheet
48Kb / 2P
Analog Input Power Controller
logo
ATMEL Corporation
AT7908E ATMEL-AT7908E Datasheet
77Kb / 7P
CAN Controller for Space Application
AT7908E ATMEL-AT7908E_09 Datasheet
751Kb / 50P
CAN Controller for Space Application
logo
Texas Instruments
DDC264 TI1-DDC264 Datasheet
482Kb / 26P
64-Channel, Current-Input Analog-to-Digital Converter
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
GSM Telemetry Controller
logo
Integrated Device Techn...
9ZXL1231 IDT-9ZXL1231 Datasheet
201Kb / 18P
Space-saving 64 VFQFPN package
9ZXL1251 IDT-9ZXL1251 Datasheet
377Kb / 20P
Space-saving 64-pin VFQFPN package
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com