Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

844003 Datasheet (PDF) - Renesas Technology Corp

844003 Datasheet PDF - Renesas Technology Corp
Part # 844003
Download  844003 Download
File Size   630.04 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVDS Frequency Synthesizer

844003 Datasheet (PDF)

Go To PDF Page Download Datasheet
844003 Datasheet PDF - Renesas Technology Corp

Part # 844003
Download  844003 Click to download

File Size   630.04 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-3.3V LVDS Frequency Synthesizer

844003 Datasheet (HTML) - Renesas Technology Corp


844003 Product details

General Description
The 844003 is a three differential output LVDS Synthesizer designed
to generate Ethernet reference clock frequencies. Using a 31.25MHz
or 26.041666MHz, 18pF parallel resonant crystal, the following
frequencies can be generated based on the settings of four
frequency select pins (DIV_SEL[A1:A0], DIV_SEL[B1:B0]): 625MHz,
312.5MHz, 156.25MHz, and 125MHz. The 844003 has two output
banks, Bank A with one differential LVDS output pair and
Bank B with two differential LVDS output pairs.
The two banks have their own dedicated frequency select pins and
can be independently set for the frequencies mentioned above. The
844003 uses IDT’s 3rd generation low phase noise VCO technology
and can achieve 1ps or lower typical rms phase jitter, easily meeting
Ethernet jitter requirements. The 844003 is packaged in a small
24-pin TSSOP package.

Features
• Three LVDS outputs on two banks, A Bank with one LVDS pair
and B Bank with two LVDS output pairs
• Using a 31.25MHz or 26.041666MHz crystal, the two output
banks can be independently set for 625MHz, 312.5MHz,
156.25MHz or 125MHz
• Selectable crystal oscillator interface or LVCMOS/LVTTL
single-ended input
• VCO range: 560MHz to 700MHz
• RMS phase jitter @ 156.25MHz (1.875MHz - 20MHz): 0.63ps (typical)
• 3.3V output supply mode
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) packaging




Similar Part No. - 844003

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844003 IDT-844003 Datasheet
338Kb / 18P
FemtoClock Crystal-to-3.3V LVDS Frequency Synthesizer
logo
Renesas Technology Corp
844003-01 RENESAS-844003-01 Datasheet
455Kb / 21P
FemtoClocks™ Crystal-TO-LVDS Frequency Synthesizer
06/10/15
logo
Integrated Device Techn...
844003AGLF IDT-844003AGLF Datasheet
338Kb / 18P
FemtoClock Crystal-to-3.3V LVDS Frequency Synthesizer
844003AGLFT IDT-844003AGLFT Datasheet
338Kb / 18P
FemtoClock Crystal-to-3.3V LVDS Frequency Synthesizer
844003AKI-04LF IDT-844003AKI-04LF Datasheet
318Kb / 19P
FemtoClock Crystal-to-LVDS Frequency Synthesizer
More results


Similar Description - 844003

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844003 IDT-844003 Datasheet
338Kb / 18P
FemtoClock Crystal-to-3.3V LVDS Frequency Synthesizer
logo
Renesas Technology Corp
843204I-01 RENESAS-843204I-01 Datasheet
386Kb / 15P
FemtoClock® Crystal-to-3.3V LVPECL Frequency Synthesizer
11/5/15
843252 RENESAS-843252 Datasheet
572Kb / 18P
FemtoClock® Crystal-to- 3.3V LVPECL Frequency Synthesizer
January 20, 2016
844002 RENESAS-844002 Datasheet
493Kb / 17P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
6/9/15
844003EI-01 RENESAS-844003EI-01 Datasheet
488Kb / 15P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
November 11, 2016
844003I-04 RENESAS-844003I-04 Datasheet
514Kb / 20P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
November 10, 2016
844008I-01 RENESAS-844008I-01 Datasheet
607Kb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
4/22/15
844008I-15 RENESAS-844008I-15 Datasheet
489Kb / 16P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
7/2/15
844004I-104 RENESAS-844004I-104 Datasheet
599Kb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
2019
ICS844004I-01 RENESAS-ICS844004I-01 Datasheet
1Mb / 17P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com