Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

844002 Datasheet (PDF) - Renesas Technology Corp

844002 Datasheet PDF - Renesas Technology Corp
Part # 844002
Download  844002 Download
File Size   493.82 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-LVDS Frequency Synthesizer

844002 Datasheet (PDF)

Go To PDF Page Download Datasheet
844002 Datasheet PDF - Renesas Technology Corp

Part # 844002
Download  844002 Click to download

File Size   493.82 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal-to-LVDS Frequency Synthesizer

844002 Datasheet (HTML) - Renesas Technology Corp


844002 Product details

GENERAL DESCRIPTION
The 844002 is a 2 output LVDS Synthesizer optimized to generate
Fibre Channel reference clock frequencies. Using a 26.5625MHz
18pF parallel resonant crystal, the following frequencies can be
generated based on the 2 frequency select pins (F_SEL[1:0]):
212.5MHz, 187.5MHz, 159.375MHz, 106.25MHz and 53.125MHz.
The 844002 uses IDT’s 3rd generation low phase noise VCO
technology and can achieve <1ps typical rms phase jitter, easily
meeting Fibre Channel jitter requirements. The 844002 is packaged
in a small 20-pin TSSOP package.

FEATURES
• Two LVDS outputs
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Supports the following output frequencies: 212.5MHz,
187.5MHz, 159.375MHz, 106.25MHz and 53.125MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter @ 212.5MHz, using a 26.5625MHz crystal
(637kHz - 10MHz): 0.65ps (typical)
• Full 3.3V or 2.5V supply modes
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 844002

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844002 IDT-844002 Datasheet
232Kb / 16P
Two LVDS outputs
844002-01 IDT-844002-01 Datasheet
224Kb / 15P
FemtoClocks?밅rystal-TO-LVDS Frequency Synthesizer
logo
Renesas Technology Corp
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
logo
Integrated Device Techn...
844002AG-01 IDT-844002AG-01 Datasheet
1Mb / 15P
FEMTOCLOCKS??CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
844002AG-01LF IDT-844002AG-01LF Datasheet
1Mb / 15P
FEMTOCLOCKS??CRYSTAL-TOLVDS FREQUENCY SYNTHESIZER
More results


Similar Description - 844002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844003 RENESAS-844003 Datasheet
630Kb / 19P
FemtoClock® Crystal-to-3.3V LVDS Frequency Synthesizer
January 29, 2016
844003EI-01 RENESAS-844003EI-01 Datasheet
488Kb / 15P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
November 11, 2016
844003I-04 RENESAS-844003I-04 Datasheet
514Kb / 20P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
November 10, 2016
844008I-01 RENESAS-844008I-01 Datasheet
607Kb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
4/22/15
844008I-15 RENESAS-844008I-15 Datasheet
489Kb / 16P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
7/2/15
ICS844S0258-07 RENESAS-ICS844S0258-07 Datasheet
852Kb / 22P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
844004I-104 RENESAS-844004I-104 Datasheet
599Kb / 19P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
2019
ICS844004I-01 RENESAS-ICS844004I-01 Datasheet
1Mb / 17P
FemtoClock® Crystal-to-LVDS Frequency Synthesizer
2019
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
ICS8440259I-45 RENESAS-ICS8440259I-45 Datasheet
1Mb / 21P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com