Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS844S0258-07 Datasheet (PDF) - Renesas Technology Corp

ICS844S0258-07 Datasheet PDF - Renesas Technology Corp
Part # ICS844S0258-07
Download  ICS844S0258-07 Download
File Size   852.02 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer

ICS844S0258-07 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS844S0258-07 Datasheet PDF - Renesas Technology Corp

Part # ICS844S0258-07
Download  ICS844S0258-07 Click to download

File Size   852.02 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer

ICS844S0258-07 Datasheet (HTML) - Renesas Technology Corp


ICS844S0258-07 Product details

Features
• Seven LVDS differential output at 125MHz
One LVCMOS/LVTTL single-ended outputs at 125MHz
• Selectable crystal oscillator interface or LVCMOS/LVTTL
single-ended input and PLL bypass from a single select pin
• Output enable signal for three LVDS outputs
• RMS phase jitter @ 125MHz, using a 25MHz crystal
(1.857MHz - 20MHz): 0.278ps (typical)
• PCI Express (2.5Gb/s) and Gen 2 (5 Gb/s) jitter compliant
• Full 3.3V supply mode
• 0°C to 70°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - ICS844S0258-07

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844S0258-07 IDT-ICS844S0258-07 Datasheet
555Kb / 21P
Output enable signal for three LVDS outputs
More results


Similar Description - ICS844S0258-07

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS844020-45 IDT-ICS844020-45 Datasheet
608Kb / 13P
FEMTOCLOCK??CRYSTAL-TO-LVDS/LVCMOS FREQUENCY SYNTHESIZER
8440259D-05 IDT-8440259D-05 Datasheet
258Kb / 16P
FemtoClock NG Crystal/LVCMOS-to-LVDS/LVCMOS Frequency Synthesizer
ICS8440259D-45 IDT-ICS8440259D-45 Datasheet
188Kb / 18P
FEMTOCLOCK CRYSTAL/LVCMOS-TO LVDS LVCMOS FREQUENCY SYNTHESIZER
ICS8440259I-45 IDT-ICS8440259I-45 Datasheet
929Kb / 20P
FemtoClock Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
logo
Renesas Technology Corp
840002-01 RENESAS-840002-01 Datasheet
454Kb / 14P
FemtoClock®, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
11/12/14
840004I-01 RENESAS-840004I-01 Datasheet
540Kb / 18P
FemtoClock® Crystal-to-LVCMOS/ LVTTL Frequency Synthesizer
November 7, 2016
8440259D-05 RENESAS-8440259D-05 Datasheet
412Kb / 17P
FemtoClock® NG Crystal/LVCMOS-toLVDS/LVCMOS Frequency Synthesizer
SEPTEMBER 3, 2014
ICS8440258-46 RENESAS-ICS8440258-46 Datasheet
472Kb / 24P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
ICS8440259I-45 RENESAS-ICS8440259I-45 Datasheet
1Mb / 21P
FemtoClock® Crystal/LVCMOS-to- LVDS/LVCMOS Frequency Synthesizer
2019
840024I RENESAS-840024I Datasheet
535Kb / 18P
FemtoClock® Crystal/LVCMOS-to- LVCMOS/LVTTL Frequency Synthesizer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com