Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

873995 Datasheet (PDF) - Renesas Technology Corp

873995 Datasheet PDF - Renesas Technology Corp
Part # 873995
Download  873995 Download
File Size   518.05 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider

873995 Datasheet (PDF)

Go To PDF Page Download Datasheet
873995 Datasheet PDF - Renesas Technology Corp

Part # 873995
Download  873995 Click to download

File Size   518.05 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider

873995 Datasheet (HTML) - Renesas Technology Corp


873995 Product details

GENERAL DESCRIPTION
The 873995 is a Zero Delay/Multiplier/Divider with hitless input clock
switching capability and a member of the family of low jitter/phase
noise devices from IDT. The 873995 is ideal for use in redundant,
fault tolerant clock trees where low phase noise and low jitter are
critical. The device receives two differential LVPECL clock signals
from which it generates 6 LVPECL clock outputs with “zero” delay.
The out-put divider and feedback divider selections also allow for
frequency multiplication or division.
The 873995 Dynamic Clock Switch (DCS) circuit continuously
monitors both input clock signals. Upon detection of a failure (input
clock stuck LOW or HIGH for at least 1 period), INP_BAD for that
clock will be set HIGH. If that clock is the primary clock, the DCS will
switch to the good secondary clock and phase/frequency alignment
will occur with minimal output phase disturbance.
The low jitter characteristics combined with input clock monitoring
and automatic switching from bad to good input clocks make the
873995 an ideal choice for mission criti-cal applications that utilize
1G or 10G Ethernet or 1G/4G/10G Fibre Channel.

FEATURES
• Six differential 3.3V LVPECL outputs
• Selectable differential clock inputs
• CLKx, nCLKx pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Input clock frequency range: 49MHz to 213.33MHz
• Output clock frequency range: 49MHz to 640MHz
• VCO range: 490MHz to 640MHz
• External feedback for “zero delay” clock regeneration
with confi gurable frequencies
• Output skew: 100ps (maximum)
• RMS phase jitter (1.875MHz - 20MHz): 0.77ps (typical) assuming a low phase noise reference clock input
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• Use replacement part 873996AYLF




Similar Part No. - 873995

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
873995 IDT-873995 Datasheet
313Kb / 20P
Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
873995AYLF IDT-873995AYLF Datasheet
313Kb / 20P
Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
873995AYLFT IDT-873995AYLFT Datasheet
313Kb / 20P
Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
More results


Similar Description - 873995

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS8735-21 ETC-ICS8735-21 Datasheet
198Kb / 15P
700MHZ, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
REV. F NOVEMBER 12, 2004
logo
Integrated Device Techn...
ICS8735-21 IDT-ICS8735-21 Datasheet
840Kb / 20P
700MHz, DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
8735-31 IDT-8735-31_16 Datasheet
424Kb / 21P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
873995 IDT-873995 Datasheet
313Kb / 20P
Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
873996 IDT-873996 Datasheet
339Kb / 21P
Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
logo
Renesas Technology Corp
873996 RENESAS-873996 Datasheet
540Kb / 22P
Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
11/10/15
8731-01 RENESAS-8731-01 Datasheet
457Kb / 18P
Low SKEW, 1-to-11 Differential-to-3.3V LVPECL Clock Multiplier / Zero Delay Buffer
REVISION B 7/14/15
8735-31 RENESAS-8735-31 Datasheet
620Kb / 22P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8735BI-21 RENESAS-8735BI-21 Datasheet
635Kb / 19P
700MHz, Differential-to-3.3V LVPECL Zero Delay Clock Generator
1/27/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com