Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8731-01 Datasheet (PDF) - Renesas Technology Corp

8731-01 Datasheet PDF - Renesas Technology Corp
Part # 8731-01
Download  8731-01 Download
File Size   457.81 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low SKEW, 1-to-11 Differential-to-3.3V LVPECL Clock Multiplier / Zero Delay Buffer

8731-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
8731-01 Datasheet PDF - Renesas Technology Corp

Part # 8731-01
Download  8731-01 Click to download

File Size   457.81 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low SKEW, 1-to-11 Differential-to-3.3V LVPECL Clock Multiplier / Zero Delay Buffer

8731-01 Datasheet (HTML) - Renesas Technology Corp


8731-01 Product details

FEATURES
• Eleven differential 3.3V LVPECL outputs
• Differential reference clock input pair
• REF_CLK, nREF_CLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum output frequency: 700MHz
• Maximum reference clock input frequency: 200MHz
• VCO range: 250MHz - 700MHz
• Accepts any single-ended input signal with a resistor bias
on nCLK input
• External feedback for zero delay capabilitiy
• Output skew: 70ps (maximum)
• Cycle-to-cycle jitter: 65ps (maximum)
• Full 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Available in lead-free RoHS compliant package




Similar Part No. - 8731-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8731-01 IDT-8731-01 Datasheet
255Kb / 17P
Differential reference clock input pair
More results


Similar Description - 8731-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87972I ICST-ICS87972I Datasheet
150Kb / 14P
LOW SKEW, 1-TO-12 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A OCTOBER 18, 2002
ICS8752 ICST-ICS8752 Datasheet
139Kb / 15P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A AUGUST 19, 2002
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A JUNE 23, 2003
logo
Integrated Device Techn...
ICS8752 IDT-ICS8752 Datasheet
141Kb / 14P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS8752I IDT-ICS8752I Datasheet
118Kb / 14P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
873995 IDT-873995 Datasheet
313Kb / 20P
Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
873996 IDT-873996 Datasheet
339Kb / 21P
Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
logo
Renesas Technology Corp
873995 RENESAS-873995 Datasheet
518Kb / 21P
Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
8/25/15
873996 RENESAS-873996 Datasheet
540Kb / 22P
Differential-to-3.3V LVPECL Zero Delay/Multiplier/Divider
11/10/15
ICS8752I RENESAS-ICS8752I Datasheet
375Kb / 15P
LOW SKEW, 1-TO-8 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
JULY 30, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com