Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

874002 Datasheet (PDF) - Renesas Technology Corp

874002 Datasheet PDF - Renesas Technology Corp
Part # 874002
Download  874002 Download
File Size   459.62 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCI Express/Jitter Attenuator

874002 Datasheet (PDF)

Go To PDF Page Download Datasheet
874002 Datasheet PDF - Renesas Technology Corp

Part # 874002
Download  874002 Click to download

File Size   459.62 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PCI Express/Jitter Attenuator

874002 Datasheet (HTML) - Renesas Technology Corp


874002 Product details

GENERAL DESCRIPTION
The 874002 is a high performance Differential-to-LVDS Jitter
Attenuator designed for use in PCI Express systems. In
some PCI Express systems, such as those found in desktop
PCs, the PCI Express clocks are generated from a low
bandwidth, high phase noise PLL frequency synthesizer. In
these systems, a jitter attenuator may be required to attenuate
high frequency random and deterministic jitter components
from the PLL synthesizer and from the system board. The
874002 has 3 PLL bandwidth modes: 200kHz, 400kHz,
and 800kHz. The 200kHz mode will provide maximum jitter
attenuation, but with higher PLL tracking skew and spread
spectrum modulation from the motherboard synthesizer may
be attenuated. The 400kHz provides an intermediate bandwidth that can easily track triangular spread profi les, while providing
good jitter attenuation. The 800kHz bandwidth provides the best
tracking skew and will pass most spread profi les, but the jitter
attenuation will not be as good as the lower bandwidth modes.
Because some 2.5Gb serdes have x20 multipliers while others
have than x25 multipliers, the 874002 can be set for 1:1 mode or
5/4 multiplication mode (i.e. 100MHz input/125MHz output) using
the F_SEL pin.
The 874002 uses IDT’s 3rd Generation FemtoClock TM
PLL technology to achieve the lowest possible phase noise.
The device is packaged in a 20 Lead TSSOP package, making it
ideal for use in space constrained applications such as PCI Express
add-in cards.

FEATURES
• Two differential LVDS output pair
• One differential clock input
• CLK and nCLK supports the following input types:
LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Output frequency range: 98MHz - 160MHz
• Input frequency range: 98MHz - 128MHz
• VCO range: 490MHz - 640MHz
• Cycle-to-cycle jitter: 35ps (maximum)
• 3.3V operating supply
• Three bandwidth modes allow the system designer to make
jitter attenuation/tracking skew design trade-offs
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 874002

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
874002-02 RENESAS-874002-02 Datasheet
542Kb / 15P
PCI EXPRESS™/JITTER ATTENUATOR
NOVEMBER 12, 2008
More results


Similar Description - 874002

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS874004 ICST-ICS874004 Datasheet
182Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 21, 2005
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 19, 2005
ICS9DB306 ICST-ICS9DB306 Datasheet
323Kb / 16P
PCI Express, Jitter Attenuator
REV. A APRIL 7, 2005
ICS874003 ICST-ICS874003 Datasheet
504Kb / 12P
PCI EXPRESS JITTER ATTENUATOR
logo
Integrated Device Techn...
ICS874003-02 IDT-ICS874003-02 Datasheet
1Mb / 14P
PCI EXPRESS??JITTER ATTENUATOR
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
PCI EXPRESS??JITTER ATTENUATOR
ICS874003-04 IDT-ICS874003-04 Datasheet
756Kb / 15P
PCI EXPRESS??Jitter Attenuator
ICS874003-05 IDT-ICS874003-05 Datasheet
807Kb / 18P
PCI EXPRESS??JITTER ATTENUATOR
ICS874001AGI-05LF IDT-ICS874001AGI-05LF Datasheet
850Kb / 18P
PCI Express??Jitter Attenuator
logo
Renesas Technology Corp
9DB206 RENESAS-9DB206 Datasheet
367Kb / 15P
PCI Express Jitter Attenuator
March 11, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com