Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IT8500G+ Datasheet (PDF) - ITECH ELECTRONIC CO.,LTD.

IT8500G+ Datasheet PDF - ITECH ELECTRONIC CO.,LTD.
Part # IT8500G+
Download  IT8500G+ Download
File Size   2532.29 Kbytes
Page   12 Pages
Manufacturer  ITECH [ITECH ELECTRONIC CO.,LTD.]
Direct Link  https://www.itechate.com/
Logo ITECH - ITECH ELECTRONIC CO.,LTD.
Description IT8500G series Programmable DC Electronic Load

IT8500G+ Datasheet (PDF)

Go To PDF Page Download Datasheet
IT8500G+ Datasheet PDF - ITECH ELECTRONIC CO.,LTD.

Part # IT8500G+
Download  IT8500G+ Click to download

File Size   2532.29 Kbytes
Page   12 Pages
Manufacturer  ITECH [ITECH ELECTRONIC CO.,LTD.]
Direct Link  https://www.itechate.com/
Logo ITECH - ITECH ELECTRONIC CO.,LTD.
Description IT8500G series Programmable DC Electronic Load

IT8500G+ Datasheet (HTML) - ITECH ELECTRONIC CO.,LTD.


IT8500G+ Product details

FEATURE
-7 operating modes: :CC/CV/CR/CW/CR+CC/CV+CC/CR-LED
-Built-in voltage and current ripple measurement functions
-Built in 8 fast charging communication protocol, including QC2.0,
-QC3.0, PE+, PE2.0+, USB PD2.0, USB,PD3.0, FCP, SCP *1
-Dynamic mode up to 20kHz
-Voltage measurement resolution up to 0.1mV / 0.1mA
*1 Only available with IT8511G+
*2 150W model with built-in USB interface
-Multi-channel, up to 16 units can be connected
-OCP/OPP, battery discharge mode
-Auto test, LIST mode, short circuit mode
-Measure function, can measure the voltage rise/fall time
-Monitor 0-100% current at 0-10V (I-monitor)
-Built-in USB/LAN communication interface *2

APPLICATIONS
-Charger test
-Battery test
-Lithium battery protection board test
-Component test
-Power supply test
-ATE




Similar Part No. - IT8500G+

ManufacturerPart #DatasheetDescription
logo
ITE Tech.Inc.
IT8502E ITE-IT8502E Datasheet
2Mb / 398P
Embedded Controller
V0.7.7
IT8502F ITE-IT8502F Datasheet
2Mb / 398P
Embedded Controller
V0.7.7
IT8502G ITE-IT8502G Datasheet
2Mb / 398P
Embedded Controller
V0.7.7
More results


Similar Description - IT8500G+

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSI32F8030 ETC1-SSI32F8030 Datasheet
65Kb / 10P
Programmable Electronic Filter
logo
Keysight Technologies
BENCHVUEELA KEYSIGHT-BENCHVUEELA Datasheet
1Mb / 5P
BenchVue Electronic Load App
logo
PHOENIX CONTACT
101764 PHOENIX-101764 Datasheet
68Kb / 5P
Electronic Reversing-Load Relay for DC Motors
logo
TEKTRONIX, INC.
2380 TEKTRONIX-2380 Datasheet
544Kb / 5P
Programmable DC Electronic Loads
logo
B&K Precision Corporati...
MDL200 BK-MDL200 Datasheet
4Mb / 6P
Modular Programmable DC Electronic Load
8600 BK-8600 Datasheet
2Mb / 8P
Programmable DC Electronic Loads
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
Electronic Load Capable of 310mA
Rev 0; 10/20
logo
List of Unclassifed Man...
PEL-500 ETC-PEL-500 Datasheet
1Mb / 6P
DC Electronic Load
logo
ITECH ELECTRONIC CO.,LT...
IT8211 ITECH-IT8211 Datasheet
72Kb / 1P
DC Power Sources DC Electronic Load
IT8518 ITECH-IT8518 Datasheet
1,011Kb / 44P
Programmable DC Electronic Load
ReservedVer2,0/Jan, 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com