Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IT8502F Datasheet (PDF) - ITE Tech.Inc.

IT8502F Datasheet PDF - ITE Tech.Inc.
Part # IT8502F
Download  IT8502F Download
File Size   2727.58 Kbytes
Page   398 Pages
Manufacturer  ITE [ITE Tech.Inc.]
Direct Link  http://www.ite.com.tw/EN/index.aspx
Logo ITE - ITE Tech.Inc.
Description Embedded Controller

IT8502F Datasheet (PDF)

Go To PDF Page Download Datasheet
IT8502F Datasheet PDF - ITE Tech.Inc.

Part # IT8502F
Download  IT8502F Click to download

File Size   2727.58 Kbytes
Page   398 Pages
Manufacturer  ITE [ITE Tech.Inc.]
Direct Link  http://www.ite.com.tw/EN/index.aspx
Logo ITE - ITE Tech.Inc.
Description Embedded Controller

IT8502F Datasheet (HTML) - ITE Tech.Inc.


IT8502F Product details

Features
8032 Embedded Controller
− Twin Turbo version/3-stage pipeline
− 9.2 MHz for EC domain and 8032 internal timer
− Variable frequency range to gain the maximum
8032 code-fetch performance
− Instruction set compatible with standard 8051/2
LPC Bus Interface
− Compatible with the LPC specification v1.1
− Supports I/O read/write
− Supports Memory read/write
− Supports FWH read/write
− Serial IRQ
Flash Interface
− Behaves as a LPC/FWH memory device
(HLPC)
− Supports external serial flash with 32.3~64.5
MHz
− Up to 16M bytes Flash space shared by the host
and EC side (serial flash)
− HLPC: Hardware read protection plus hardware
/ software write protection
SMBus Controller
− SMBus spec. 2.0
− 4 SMBus masters + 1 slave
− 4 SMBus channels
− Compatible with I2C cycles
System Wake Up Control
− Modem RI# wake up
− Telephone RING# wake up
− IRQ/SMI routing
EC Wake Up Control
− 48 external/internal wake up events
Interrupt Controller
− 72 interrupt events to EC
− Fixed priority
Timer / Watch Dog Timer
− 3 internal 16-bit multi-function timers inside
8032, which is based on EC clock
− 1 internal WDT inside 8032, which is based on
EC clock
− 1 external 16-bit timer and 1 external 24-bit
timer in ETWD module, which are based on
32.768 k clock source
− 1 external 16-bit WDT in ETWD module, which
is based on 32.768 k clock source
UART
− 1 full duplex UART inside 8032
− 1 standard serial ports (legacy 16C550 COM1)
− Baud rate up to 460800
ACPI Power Management Channel
− 2 Power management channels
− Compatible and enhanced mode
Battery-backed SRAM
− 192-byte battery-backed memory space
− Supports power-switch circuit
GPIO
− Supports 73-port GPIO
− Programmable pull up/pull down
− Schmitt trigger for input
External GPIO Controller (EGPC)
− Communicate with 4 IT8301 chips
− Each IT8301 supports 38 GPIO ports
KBC Interface
− 8042 style KBC interface
− Legacy IRQ1 and IRQ12
− Fast A20G and KB reset
ADC
− 12 ADC channels (8 external)
− 10-bit resolution (+/- 4LSB)
− Digital filter for noise reduction
DAC
− 6 DAC channels
− 8-bit DAC
PWM
− 8 PWM channels
− Base clock frequency is 32.768 kHz
− 8 duty cycle resolution
− 8/16-bit common input clock prescaler
− 4 prescalers for 8 PWM output used for devices
with different frequencies
− 2 Tachometers for measuring fan speed
TMR
− Supports four channels
− Supports 8-bit/16-bit pulse mode, and toggle
mode
PS/2 Interface
− 3 PS/2 interface
− Hardware/Software mode selection
KB Matrix Scan
− Hardware keyboard scan
− 18x8 keyboard matrix scan
SPI Slave Interface (SSPI)
− 1-channel SPI Master, Freq between 575 kHz
and 4.6MHz
− 4-wire or 3-wire (bi-directional data) I/F
− 8-bit or 1-bit transaction
− SPI Mode 0, 1, 2, 3
In-System Programming
− ISP via parallel port interface on existing KBS
connector
− Fast flash programming with software provided
by ITE
Power Consumption
− Standby with Sleep mode current: 250 µA
Package
− LQFP 128L / QFP 128L / TFBGA 128




Similar Part No. - IT8502F

ManufacturerPart #DatasheetDescription
logo
ITECH ELECTRONIC CO.,LT...
IT8500G ITECH-IT8500G Datasheet
2Mb / 12P
IT8500G series Programmable DC Electronic Load
IT8500G+ ITECH-IT8500G+ Datasheet
2Mb / 12P
IT8500G series Programmable DC Electronic Load
More results


Similar Description - IT8502F

ManufacturerPart #DatasheetDescription
logo
Winbond
W90210F WINBOND-W90210F Datasheet
297Kb / 67P
PA-RISC EMBEDDED CONTROLLER
logo
fujitsu semiconductor
MB86831 FUJITSU-MB86831 Datasheet
1Mb / 82P
32-bit Embedded Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
AAEON Technology
AEC-6643 AAEON-AEC-6643_15 Datasheet
286Kb / 2P
Embedded Controller
logo
Texas Instruments
SCANPSC100F TI1-SCANPSC100F Datasheet
573Kb / 28P
Embedded Boundary Scan Controller
logo
ITE Tech.Inc.
IT8512E ITE-IT8512E Datasheet
3Mb / 335P
Embedded Controller
logo
WIZnet Co., Ltd
W5100S WIZNET-W5100S Datasheet
2Mb / 110P
embedded Ethernet controller
logo
Microchip Technology
CEC1712 MICROCHIP-CEC1712 Datasheet
3Mb / 338P
Cryptographic Embedded Controller
02/28/20
logo
List of Unclassifed Man...
IT8510E ETC2-IT8510E Datasheet
2Mb / 284P
Embedded Controller
5/6/2005
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com