Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3EZ39D5 Datasheet (PDF) - Jinan Gude Electronic Device

3EZ39D5 Datasheet PDF - Jinan Gude Electronic Device
Part # 3EZ39D5
Download  3EZ39D5 Download
File Size   150.42 Kbytes
Page   2 Pages
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device
Description 3W SILICON ZENER DIODE

3EZ39D5 Datasheet (PDF)

Go To PDF Page Download Datasheet
3EZ39D5 Datasheet PDF - Jinan Gude Electronic Device

Part # 3EZ39D5
Download  3EZ39D5 Click to download

File Size   150.42 Kbytes
Page   2 Pages
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device
Description 3W SILICON ZENER DIODE

3EZ39D5 Datasheet (HTML) - Jinan Gude Electronic Device


3EZ39D5 Product details

FEATURES :
* Zener voltage Range 3.9 to 200V
* High surge current rating
* 3 Watts dissipation in a normally 1 watt package




Similar Part No. - 3EZ39D5

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
3EZ39D5 EIC-3EZ39D5 Datasheet
37Kb / 3P
SILICON ZENER DIODES
logo
Microsemi Corporation
3EZ39D5 MICROSEMI-3EZ39D5 Datasheet
69Kb / 2P
SILICON 3 WATT ZENER DIODES
logo
ON Semiconductor
3EZ39D5 ONSEMI-3EZ39D5 Datasheet
130Kb / 7P
3 Watt DO??1 Surmetic 30 Zener Voltage Regulators
March, 2006 ??Rev. 4
logo
SynSemi, Inc.
3EZ39D5 SYNSEMI-3EZ39D5 Datasheet
41Kb / 3P
SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
3EZ39D5 NJSEMI-3EZ39D5 Datasheet
151Kb / 1P
Ref/Reg Diode, P(D) = 1W
More results


Similar Description - 3EZ39D5

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
1SMB5913B DIOTECH-1SMB5913B Datasheet
735Kb / 2P
3W SURFACE MOUNT SILICON ZENER DIODE
logo
Pan Jit International I...
1N4736A PANJIT-1N4736A_09 Datasheet
360Kb / 5P
SILICON ZENER DIODE
logo
Shenzhen Luguang Electr...
SZ553Z LUGUANG-SZ553Z Datasheet
229Kb / 3P
3W Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926_15 Datasheet
218Kb / 6P
3W, 11V - 200V Surface Mount Silicon Zener Diodes
logo
Diotech Company.
1N5913B DIOTECH-1N5913B Datasheet
1Mb / 4P
3W SILICON ZENER DIODE
logo
Jinan Jing Heng Electro...
3EZ200D5 JINGHENG-3EZ200D5 Datasheet
70Kb / 2P
3W SILICON PLANAR ZENER DIODES
logo
Zibo Seno Electronic En...
1SMB5913A ZSELEC-1SMB5913A Datasheet
409Kb / 4P
3W SURFACE MOUNT ZENER DIODE
logo
Taiwan Semiconductor Co...
1PGSMB5926 TSC-1PGSMB5926 Datasheet
300Kb / 6P
3W, 11V - 200V Surface Mount Silicon Zener Diode
logo
Shanghai Leiditech Elec...
1SMB5913A LEIDITECH-1SMB5913A Datasheet
478Kb / 2P
Zener Diodes 3W
logo
FutureWafer Tech Co.,Lt...
1SMB59XXBT3G FUTUREWAFER-1SMB59XXBT3G Datasheet
1Mb / 10P
3W Zener Voltage Regulators
20-DEC-2021 V 2.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com