Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB511 Datasheet (PDF) - STMicroelectronics

TSB511 Datasheet PDF - STMicroelectronics
Part # TSB511
Download  TSB511 Download
File Size   2921.6 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rail-to-rail inputs and outputs, 36 V, 6 MHz op amps

TSB511 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSB511 Datasheet PDF - STMicroelectronics

Part # TSB511
Download  TSB511 Click to download

File Size   2921.6 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rail-to-rail inputs and outputs, 36 V, 6 MHz op amps

TSB511 Datasheet (HTML) - STMicroelectronics


TSB511 Product details

Features
• Rail-to-rail input and output
• Low offset voltage: 1.5 mV maximum
• Wide supply voltage range: 2.7 V to 36 V
• Gain bandwidth product: 6 MHz
• Slew rate of 3 V/μs
• Low noise: 12 nV/√Hz
• Integrated EMI filter
• 2 kV HBM ESD tolerance
• Extended temperature range: - 40 °C to + 125 °C
• Automotive-grade available

Applications
• High-side and low-side current sensing
• Hall effect sensors
• Test and measurement equipment
• Motor control
• Industrial process control
• Stain gauge

Description
The TSB511, TSB512, TSB514 is a series of 6 MHz bandwidth amplifiers featuring
rail-to-rail input and output, which are guaranteed to operate from 2.7 to 36 V single
supply as well as from ± 1.35 V to ± 18 V dual supplies.
These amplifiers have the advantage of offering a large span of supply voltage and a
wide bandwidth.
The combination of wide bandwidth, slew rate, low noise, rail-to-rail capability makes
the TSB511, TSB512, TSB514 useful in a wide variety of applications such as: filters,
power supply and motor control, actuator driving and resistive transducers.




Similar Part No. - TSB511

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSB512 STMICROELECTRONICS-TSB512 Datasheet
7Mb / 36P
High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
20-Feb-2024
TSB514 STMICROELECTRONICS-TSB514 Datasheet
1Mb / 35P
Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
01-Dec-2022
More results


Similar Description - TSB511

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
MCP6021 MICROCHIP-MCP6021_06 Datasheet
468Kb / 34P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2006
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
logo
Analog Devices
MT-035 AD-MT-035 Datasheet
121Kb / 12P
Op Amp Inputs, Outputs, Single-Supply, and Rail-to-Rail Issues
REV. 0
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
logo
STMicroelectronics
TSB711 STMICROELECTRONICS-TSB711 Datasheet
3Mb / 36P
Precision rail-to-rail input / output 36 V, 6 MHz op-amps
Rev 6 - October 2020
TSB7191 STMICROELECTRONICS-TSB7191 Datasheet
9Mb / 34P
Precision rail-to-rail input / output 36 V, 22 MHz op-amps
15-Oct-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com