Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB511 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSB511
Description  Rail-to-rail inputs and outputs, 36 V, 6 MHz op amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB511 Datasheet(HTML) 1 Page - STMicroelectronics

  TSB511 Datasheet HTML 1Page - STMicroelectronics TSB511 Datasheet HTML 2Page - STMicroelectronics TSB511 Datasheet HTML 3Page - STMicroelectronics TSB511 Datasheet HTML 4Page - STMicroelectronics TSB511 Datasheet HTML 5Page - STMicroelectronics TSB511 Datasheet HTML 6Page - STMicroelectronics TSB511 Datasheet HTML 7Page - STMicroelectronics TSB511 Datasheet HTML 8Page - STMicroelectronics TSB511 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Features
Rail-to-rail input and output
Low offset voltage: 1.5 mV maximum
Wide supply voltage range: 2.7 V to 36 V
Gain bandwidth product: 6 MHz
Slew rate of 3 V/µs
Low noise: 12 nV/√Hz
Integrated EMI filter
2 kV HBM ESD tolerance
Extended temperature range: - 40 °C to + 125 °C
Automotive-grade available
Applications
High-side and low-side current sensing
Hall effect sensors
Test and measurement equipment
Motor control
Industrial process control
Stain gauge
Description
The TSB511, TSB512, TSB514 is a series of 6 MHz bandwidth amplifiers featuring
rail-to-rail input and output, which are guaranteed to operate from 2.7 to 36 V single
supply as well as from ± 1.35 V to ± 18 V dual supplies.
These amplifiers have the advantage of offering a large span of supply voltage and a
wide bandwidth.
The combination of wide bandwidth, slew rate, low noise, rail-to-rail capability makes
the TSB511, TSB512, TSB514 useful in a wide variety of applications such as: filters,
power supply and motor control, actuator driving and resistive transducers.
MiniSO8
SO8
SOT23-5
SO14
TSSOP14
Maturity status link
TSB511, TSB512, TSB514
Related products
TSB711
For higher precision
TSB712
TSB714
Rail-to-rail inputs and outputs, 36 V, 6 MHz op amps
TSB511, TSB512, TSB514
Datasheet
DS13885 - Rev 1 - January 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSB511

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSB512 STMICROELECTRONICS-TSB512 Datasheet
7Mb / 36P
High bandwidth (52 MHz), rail-to-rail output, 36 V op amp
20-Feb-2024
TSB514 STMICROELECTRONICS-TSB514 Datasheet
1Mb / 35P
Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
01-Dec-2022
More results

Similar Description - TSB511

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1218 LINER-LT1218 Datasheet
375Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
MCP6021 MICROCHIP-MCP6021_06 Datasheet
468Kb / 34P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2006
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
logo
Analog Devices
MT-035 AD-MT-035 Datasheet
121Kb / 12P
Op Amp Inputs, Outputs, Single-Supply, and Rail-to-Rail Issues
REV. 0
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT1219 LINER-LT1219_15 Datasheet
327Kb / 16P
Precision Rail-to-Rail Input and Output Op Amps
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
logo
STMicroelectronics
TSB711 STMICROELECTRONICS-TSB711 Datasheet
3Mb / 36P
Precision rail-to-rail input / output 36 V, 6 MHz op-amps
Rev 6 - October 2020
TSB7191 STMICROELECTRONICS-TSB7191 Datasheet
9Mb / 34P
Precision rail-to-rail input / output 36 V, 22 MHz op-amps
15-Oct-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com