Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB511 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSB511
Description  Rail-to-rail inputs and outputs, 36 V, 6 MHz op amps
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB511 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSB511 Datasheet HTML 12Page - STMicroelectronics TSB511 Datasheet HTML 13Page - STMicroelectronics TSB511 Datasheet HTML 14Page - STMicroelectronics TSB511 Datasheet HTML 15Page - STMicroelectronics TSB511 Datasheet HTML 16Page - STMicroelectronics TSB511 Datasheet HTML 17Page - STMicroelectronics TSB511 Datasheet HTML 18Page - STMicroelectronics TSB511 Datasheet HTML 19Page - STMicroelectronics TSB511 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
6.1
SOT23-5 package information
Figure 37. SOT23-5 package outline
SOT23-5
E
e
1
5 x b
e1
D
C
s
E1
L
A
A2
5x
0.10 C
A1
Table 9. SOT23-5 mechanical data
Symbol
Milimeters
Inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.45
0.057
A1
0.00
0.15
0.000
0.006
A2
0.90
1.15
1.30
0.035
0.045
0.051
b
0.30
0.50
0.012
0.020
c
0.08
0.22
0.003
0.009
D
2.90
0.114
E
2.80
0.110
E1
1.60
0.063
e
0.95
0.037
e1
1.90
0.075
L
0.30
0.45
0.60
0.012
0.018
0.024
θ
0
4
8
0
4
8
1. Values in inches are converted from mm and rounded to 4 decimal digits.
TSB511, TSB512, TSB514
SOT23-5 package information
DS13885 - Rev 1
page 16/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com