Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0402MH Datasheet (PDF) - STMicroelectronics

Z0402MH Datasheet PDF - STMicroelectronics
Part # Z0402MH
Download  Z0402MH Download
File Size   564.83 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A - Triac in IPAK package

Z0402MH Datasheet (PDF)

Go To PDF Page Download Datasheet
Z0402MH Datasheet PDF - STMicroelectronics

Part # Z0402MH
Download  Z0402MH Click to download

File Size   564.83 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A - Triac in IPAK package

Z0402MH Datasheet (HTML) - STMicroelectronics


Z0402MH Product details

Features
• 4 A Triac
• VDRM / VRRM = 600 V and VDSM / VRSM = 750 V
• 125 °C maximum junction temperature Tj
• IPAK package
• 4 quadrants triacs with IGT = 3 mA
• Halogen-free molding, lead-free plating
• ECOPACK2 compliant

Applications
• Actuators
• Heating elements
• Inrush current limiting circuits

Description
The Z0402MH series is 4 A Triac housed in compact through-hole IPAK package.
This 4 quadrants device is suited to home appliances or power tools and industrial
systems and drives loads up to 4 A.




Similar Part No. - Z0402MH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0402MB STMICROELECTRONICS-Z0402MB Datasheet
659Kb / 11P
4 A - Triac in DPAK package
02-Sep-2022
Z0402MF STMICROELECTRONICS-Z0402MF Datasheet
88Kb / 8P
4A TRIACS
31-Mar-2006
Z0402MF STMICROELECTRONICS-Z0402MF Datasheet
90Kb / 8P
Different gate current sensitivities are available, allowing optimized performances when controlled directly from microcontrollers.
05-Dec-2006
Z0402MF0AA2 STMICROELECTRONICS-Z0402MF0AA2 Datasheet
88Kb / 8P
4A TRIACS
31-Mar-2006
Z0402MF1AA2 STMICROELECTRONICS-Z0402MF1AA2 Datasheet
88Kb / 8P
4A TRIACS
31-Mar-2006
More results


Similar Description - Z0402MH

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BT137 FOSHAN-BT137 Datasheet
887Kb / 6P
Triac in a TO-220 Plastic Package
logo
STMicroelectronics
X0402MH STMICROELECTRONICS-X0402MH Datasheet
605Kb / 10P
4 A Sensitive gate SCR in IPAK package
06-Sep-2022
X0405MH STMICROELECTRONICS-X0405MH Datasheet
575Kb / 10P
4 A Sensitive gate SCR in IPAK package
06-Sep-2022
Z0402MB STMICROELECTRONICS-Z0402MB Datasheet
659Kb / 11P
4 A - Triac in DPAK package
02-Sep-2022
Z0405MB STMICROELECTRONICS-Z0405MB Datasheet
655Kb / 11P
4 A - Triac in DPAK package
05-Sep-2022
Z0405MH STMICROELECTRONICS-Z0405MH Datasheet
562Kb / 10P
4 A - Triac in IPAK package
05-Sep-2022
Z0409MB STMICROELECTRONICS-Z0409MB Datasheet
568Kb / 11P
4 A - Triac in DPAK package
05-Sep-2022
Z0409MH STMICROELECTRONICS-Z0409MH Datasheet
567Kb / 10P
4 A - Triac in IPAK package
05-Sep-2022
Z0410MB STMICROELECTRONICS-Z0410MB Datasheet
659Kb / 11P
4 A - Triac in DPAK package
02-Sep-2022
Z0410MH STMICROELECTRONICS-Z0410MH Datasheet
570Kb / 10P
4 A - Triac in IPAK package
05-Sep-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com