Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0405MB Datasheet (PDF) - STMicroelectronics

Z0405MB Datasheet PDF - STMicroelectronics
Part # Z0405MB
Download  Z0405MB Download
File Size   655.19 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A - Triac in DPAK package

Z0405MB Datasheet (PDF)

Go To PDF Page Download Datasheet
Z0405MB Datasheet PDF - STMicroelectronics

Part # Z0405MB
Download  Z0405MB Click to download

File Size   655.19 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A - Triac in DPAK package

Z0405MB Datasheet (HTML) - STMicroelectronics


Z0405MB Product details

Features
• 4 A Triac
• VDRM / VRRM = 600 V and VDSM / VRSM = 750 V
• 125 °C maximum junction temperature Tj
• DPAK package
• 4 quadrants triacs with IGT = 5 mA
• Halogen-free molding, lead-free plating
• ECOPACK2 compliant

Applications
• Actuators
• Heating elements
• Inrush current limiting circuits

Description
The Z0405MB series is 4 A Triac housed in compact SMD DPAK. This 4 quadrants
device is suited to home appliances or power tools and industrial systems and drives
loads up to 4 A.




Similar Part No. - Z0405MB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z0405ME1AA2 STMICROELECTRONICS-Z0405ME1AA2 Datasheet
88Kb / 8P
4A TRIACS
31-Mar-2006
Z0405MF STMICROELECTRONICS-Z0405MF Datasheet
88Kb / 8P
4A TRIACS
31-Mar-2006
logo
Tiger Electronic Co.,Lt...
Z0405MF TGS-Z0405MF Datasheet
29Kb / 1P
4A TRIACS
logo
Apollo Electron Co., Lt...
Z0405MF APOLLOELECTRON-Z0405MF Datasheet
4Mb / 6P
Sensitive Gate Triac
logo
STMicroelectronics
Z0405MF STMICROELECTRONICS-Z0405MF Datasheet
90Kb / 8P
Different gate current sensitivities are available, allowing optimized performances when controlled directly from microcontrollers.
05-Dec-2006
More results


Similar Description - Z0405MB

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BT137 FOSHAN-BT137 Datasheet
887Kb / 6P
Triac in a TO-220 Plastic Package
logo
STMicroelectronics
X0402MB STMICROELECTRONICS-X0402MB Datasheet
697Kb / 11P
4 A Sensitive gate SCR in DPAK package
06-Sep-2022
X0405MB STMICROELECTRONICS-X0405MB Datasheet
575Kb / 11P
4 A Sensitive gate SCR in DPAK package
06-Sep-2022
Z0402MB STMICROELECTRONICS-Z0402MB Datasheet
659Kb / 11P
4 A - Triac in DPAK package
02-Sep-2022
Z0402MH STMICROELECTRONICS-Z0402MH Datasheet
564Kb / 10P
4 A - Triac in IPAK package
06-Sep-2022
Z0405MH STMICROELECTRONICS-Z0405MH Datasheet
562Kb / 10P
4 A - Triac in IPAK package
05-Sep-2022
Z0409MB STMICROELECTRONICS-Z0409MB Datasheet
568Kb / 11P
4 A - Triac in DPAK package
05-Sep-2022
Z0409MH STMICROELECTRONICS-Z0409MH Datasheet
567Kb / 10P
4 A - Triac in IPAK package
05-Sep-2022
Z0410MB STMICROELECTRONICS-Z0410MB Datasheet
659Kb / 11P
4 A - Triac in DPAK package
02-Sep-2022
Z0410MH STMICROELECTRONICS-Z0410MH Datasheet
570Kb / 10P
4 A - Triac in IPAK package
05-Sep-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com