Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM7170 Datasheet (PDF) - Renesas Technology Corp

ICM7170 Datasheet PDF - Renesas Technology Corp
Part # ICM7170
Download  ICM7170 Download
File Size   736.86 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Microprocessor-Compatible, Real-Time Clock

ICM7170 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICM7170 Datasheet PDF - Renesas Technology Corp

Part # ICM7170
Download  ICM7170 Click to download

File Size   736.86 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Microprocessor-Compatible, Real-Time Clock

ICM7170 Datasheet (HTML) - Renesas Technology Corp


ICM7170 Product details

Features
• 8-Bit, P Bus Compatible
- Multiplexed or Direct Addressing
• Regulated Oscillator Supply Ensures Frequency Stability
and Low Power
• Time From 1/100 Seconds to 99 Years
• Software Selectable 12/24 Hour Format
• Latched Time Data Ensures No Roll Over During Read
• Full Calendar with Automatic Leap Year Correction
• On-Chip Battery Backup Switchover Circuit
• Access Time Less than 300ns
• 4 Programmable Crystal Oscillator Frequencies Over
Industrial Temperature Range
• 3 Programmable Crystal Oscillator Frequencies Over
Military Temperature Range
• On-Chip Alarm Comparator and RAM
• Interrupts from Alarm and 6 Selectable Periodic Intervals
• Standby Micro-Power Operation: 1.2A Typical at 3.0V
and 32kHz Crystal
Applications
• Portable and Personal Computers
• Data Logging
• Industrial Control Systems
• Point Of Sale
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”




Similar Part No. - ICM7170

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170 Datasheet
77Kb / 13P
Microprocessor-Compatible, Real-Time Clock
August 1997
ICM7170 INTERSIL-ICM7170 Datasheet
713Kb / 14P
Microprocessor-Compatible, Real-Time짰lock
November 2003
logo
Rochester Electronics
ICM7170 ROCHESTER-ICM7170 Datasheet
688Kb / 14P
Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
logo
Intersil Corporation
ICM7170AIBG INTERSIL-ICM7170AIBG Datasheet
77Kb / 13P
Microprocessor-Compatible, Real-Time Clock
August 1997
ICM7170AIBG INTERSIL-ICM7170AIBG Datasheet
713Kb / 14P
Microprocessor-Compatible, Real-Time짰lock
November 2003
More results


Similar Description - ICM7170

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM58167B NSC-MM58167B Datasheet
173Kb / 10P
Microprocessor Real Time Clock
MM58174A NSC-MM58174A Datasheet
130Kb / 8P
Microprocessor-Compatible Real-Time Clock
MM58274C NSC-MM58274C Datasheet
228Kb / 16P
Microprocessor Compatible Real Time Clock
logo
OKI electronic componet...
MSM5832 OKI-MSM5832 Datasheet
544Kb / 6P
MICROPROCESSOR REAL-TIME CLOCK/CALENDAR
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170 Datasheet
77Kb / 13P
Microprocessor-Compatible, Real-Time Clock
August 1997
logo
Epson ToYoCom
RTC8583 EPSONTOYOCOM-RTC8583 Datasheet
56Kb / 2P
I2C-BUS COMPATIBLE REAL TIME CLOCK MODULE
logo
National Semiconductor ...
NS32FX211 NSC-NS32FX211 Datasheet
171Kb / 12P
Microprocessor Compatible Real Time C
MM58274C-12 NSC-MM58274C-12 Datasheet
904Kb / 13P
MICROPROCESSOR COMPATIBLE REAL TIME CLOCK
logo
Maxim Integrated Produc...
DS1347_1202 MAXIM-DS1347_1202 Datasheet
227Kb / 17P
Low-Current, SPI-Compatible Real-Time Clock
Rev 2; 2/12
logo
Rochester Electronics
ICM7170 ROCHESTER-ICM7170 Datasheet
688Kb / 14P
Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com