Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM7170 Datasheet (PDF) - Rochester Electronics

ICM7170 Datasheet PDF - Rochester Electronics
Part # ICM7170
Download  ICM7170 Download
File Size   688.78 Kbytes
Page   14 Pages
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics
Description Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible

ICM7170 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICM7170 Datasheet PDF - Rochester Electronics

Part # ICM7170
Download  ICM7170 Click to download

File Size   688.78 Kbytes
Page   14 Pages
Manufacturer  ROCHESTER [Rochester Electronics]
Direct Link  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics
Description Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible

ICM7170 Datasheet (HTML) - Rochester Electronics


ICM7170 Product details

The ICM7170 real time clock is a microprocessor bus compatible peripheral, fabricated using Intersil’s silicon gate CMOS LSl process. An 8-bit bidirectional bus is used for the data I/O circuitry. The clock is set or read by accessing the 8 internal separately addressable and programmable counters from 1/100 seconds to years. The counters are controlled by a pulse train divided down from a crystal oscillator circuit, and the frequency of the crystal is selectable with the on-chip command register. An extremely stable oscillator frequency is achieved through the use of an on-chip regulated power supply.

Features
• 8-Bit, µP Bus Compatible
    - Multiplexed or Direct Addressing
• Regulated Oscillator Supply Ensures Frequency Stability and Low Power
• Time From 1/100 Seconds to 99 Years
• Software Selectable 12/24 Hour Format
• Latched Time Data Ensures No Roll Over During Read
• Full Calendar with Automatic Leap Year Correction
• On-Chip Battery Backup Switchover Circuit
• Access Time Less than 300ns
• 4 Programmable Crystal Oscillator Frequencies Over Industrial Temperature Range
• 3 Programmable Crystal Oscillator Frequencies Over Military Temperature Range
• On-Chip Alarm Comparator and RAM
• Interrupts from Alarm and 6 Selectable Periodic Intervals
• Standby Micro-Power Operation: 1.2µA Typical at 3.0V and 32kHz Crystal

Applications
• Portable and Personal Computers
• Data Logging
• Industrial Control Systems
• Point Of Sale




Similar Part No. - ICM7170

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170 Datasheet
77Kb / 13P
Microprocessor-Compatible, Real-Time Clock
August 1997
ICM7170 INTERSIL-ICM7170 Datasheet
713Kb / 14P
Microprocessor-Compatible, Real-Time짰lock
November 2003
logo
Renesas Technology Corp
ICM7170 RENESAS-ICM7170 Datasheet
736Kb / 14P
Microprocessor-Compatible, Real-Time Clock
Nov 2003
logo
Intersil Corporation
ICM7170AIBG INTERSIL-ICM7170AIBG Datasheet
77Kb / 13P
Microprocessor-Compatible, Real-Time Clock
August 1997
ICM7170AIBG INTERSIL-ICM7170AIBG Datasheet
713Kb / 14P
Microprocessor-Compatible, Real-Time짰lock
November 2003
More results


Similar Description - ICM7170

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM58167B NSC-MM58167B Datasheet
173Kb / 10P
Microprocessor Real Time Clock
MM58174A NSC-MM58174A Datasheet
130Kb / 8P
Microprocessor-Compatible Real-Time Clock
MM58274C NSC-MM58274C Datasheet
228Kb / 16P
Microprocessor Compatible Real Time Clock
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170 Datasheet
77Kb / 13P
Microprocessor-Compatible, Real-Time Clock
August 1997
logo
Epson ToYoCom
RTC8583 EPSONTOYOCOM-RTC8583 Datasheet
56Kb / 2P
I2C-BUS COMPATIBLE REAL TIME CLOCK MODULE
logo
National Semiconductor ...
NS32FX211 NSC-NS32FX211 Datasheet
171Kb / 12P
Microprocessor Compatible Real Time C
MM58274C-12 NSC-MM58274C-12 Datasheet
904Kb / 13P
MICROPROCESSOR COMPATIBLE REAL TIME CLOCK
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170_03 Datasheet
713Kb / 14P
Microprocessor-Compatible, Real-Time짰lock
November 2003
logo
Maxim Integrated Produc...
DS1347_1202 MAXIM-DS1347_1202 Datasheet
227Kb / 17P
Low-Current, SPI-Compatible Real-Time Clock
Rev 2; 2/12
logo
Renesas Technology Corp
ICM7170 RENESAS-ICM7170 Datasheet
736Kb / 14P
Microprocessor-Compatible, Real-Time Clock
Nov 2003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com