Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32U595AIT3QTR Datasheet (PDF) - STMicroelectronics

STM32U595AIT3QTR Datasheet PDF - STMicroelectronics
Part # STM32U595AIT3QTR
Download  STM32U595AIT3QTR Download
File Size   6986.09 Kbytes
Page   377 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI

STM32U595AIT3QTR Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32U595AIT3QTR Datasheet PDF - STMicroelectronics

Part # STM32U595AIT3QTR
Download  STM32U595AIT3QTR Click to download

File Size   6986.09 Kbytes
Page   377 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI

STM32U595AIT3QTR Datasheet (HTML) - STMicroelectronics


STM32U595AIT3QTR Product details

Features
Includes ST state-of-the-art patented
technology
Ultra-low-power with FlexPowerControl
• 1.71 V to 3.6 V power supply
• - 40 °C to + 85/125 °C temperature range
• Low-power background autonomous mode
(LPBAM): autonomous peripherals with DMA,
functional down to Stop 2 mode
• VBAT mode: supply for RTC, 32 x 32-bit backup
registers and 2-Kbyte backup SRAM
• 150 nA Shutdown mode (24 wake-up pins)
• 195 nA Standby mode (24 wake-up pins)
• 480 nA Standby mode with RTC
• 2 μA Stop 3 mode with 40-Kbyte SRAM
• 8.2 μA Stop 3 mode with 2.5-Mbyte SRAM
• 4.65 μA Stop 2 mode with 40-Kbyte SRAM
• 17.5 μA Stop 2 mode with 2.5-Mbyte SRAM
• 18.5 μA/MHz Run mode at 3.3 V
Core
• Arm® 32-bit Cortex®-M33 CPU with
TrustZone®, MPU, DSP, and FPU
ART Accelerator
• 32-Kbyte ICACHE allowing 0-wait-state
execution from Flash and external memories:
frequency up to 160 MHz, 240 DMIPS
• 16-Kbyte DCACHE1 for external memories
Power management
• Embedded regulator (LDO) and SMPS
step-down converter supporting switch
on-the-fly and voltage scaling
Benchmarks
• 1.5 DMIPS/MHz (Drystone 2.1)
• 651 CoreMark® (4.07 CoreMark®/MHz)
• 369 ULPMark™-CP
• 89 ULPMark™-PP
• 47.2 ULPMark™-CM
• 120000 SecureMark™-TLS
Memories
• Up to 4-Mbyte Flash memory with ECC, 2
banks read-while-write, including 512 Kbytes
with 100 kcycles
• With SRAM3 ECC off: 2514-Kbyte RAM
including 66 Kbytes with ECC
• With SRAM3 ECC on: 2450-Kbyte RAM
including 322 Kbytes with ECC
• External memory interface supporting SRAM,
PSRAM, NOR, NAND, and FRAM memories
• 2 Octo-SPI memory interfaces
• 16-bit HSPI memory interface up to 160 MHz
Rich graphic features
• Neo-Chrom GPU (GPU2D) accelerating any
angle rotation, scaling, and perspective correct
texture mapping
• 16-Kbyte DCACHE2
• Chrom-ART accelerator (DMA2D) for smooth
motion and transparency effects
• Chrom-GRC (GFXMMU) allowing up to 20 %
of graphic resources optimization
• MIPI® DSI Host controller with two DSI lanes
running at up to 500 Mbit/s each
• LCD-TFT controller (LTDC)
• Digital camera interface
General-purpose input/outputs
• Up to 156 fast I/Os with interrupt capability
most 5V-tolerant and up to 14 I/Os with
independent supply down to 1.08 V
Clock management
• 4 to 50 MHz crystal oscillator
• 32 kHz crystal oscillator for RTC (LSE)
• Internal 16 MHz factory-trimmed RC (± 1 %)
• Internal low-power 32 kHz RC (± 5 %)
• 2 internal multispeed 100 kHz to 48 MHz
oscillators, including one auto-trimmed by LSE
(better than ±0.25 % accuracy)
• Internal 48 MHz
• 5 PLLs for system clock, USB, audio, ADC, DSI
Security
• Arm® TrustZone® and securable I/Os,
memories, and peripherals
• Flexible life-cycle scheme with RDP and
password-protected debug
• Root of trust thanks to unique boot entry and
secure hide-protection area (HDP)
• Secure firmware installation (SFI) thanks to
embedded root secure services (RSS)
• Secure firmware upgrade support with TF-M
• HASH hardware accelerator
• True random number generator, NIST
SP800-90B compliant
• 96-bit unique ID
• 512-byte OTP (one-time programmable)
• Active tampers
Up to 17 timers, 2 watchdogs and RTC
• 19 timers: 2 16-bit advanced motor-control,
4 32-bit, 3 16-bit general purpose, 2 16-bit
basic, 4 low-power 16-bit (available in Stop
mode), 2 SysTick timers, and 2 watchdogs
• RTC with hardware calendar, alarms, and
calibration
Up to 25 communication peripherals
• 1 USB Type-C®/USB power delivery controller
• 1 USB OTG high-speed with embedded PHY
• 2 SAIs (serial-audio interface)
• 6 I2C FM+(1 Mbit/s), SMBus/PMBus™
• 7 USARTs (ISO 7816, LIN, IrDA, modem)
• 3 SPIs (6x SPIs with OCTOSPI/HSPI)
• 1 CAN FD controller
• 2 SDMMC interfaces
• 1 multi-function digital filter (6 filters) + 1 audio
digital filter with sound-activity detection
• Parallel synchronous slave interface
Mathematical coprocessor
• CORDIC for trigonometric functions
acceleration
• FMAC (filter mathematical accelerator)
Rich analog peripherals (independent
supply)
• 2 14-bit ADC 2.5-Msps with hardware
oversampling
• 1 12-bit ADC 2.5-Msps, with hardware
oversampling, autonomous in Stop 2 mode
• 12-bit DAC (2 channels), low-power sample,
and hold, autonomous in Stop 2 mode
• 2 operational amplifiers with built-in PGA
• 2 ultra-low-power comparators




Similar Part No. - STM32U595AIT3QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32U595AIH6 STMICROELECTRONICS-STM32U595AIH6 Datasheet
1Mb / 30P
Getting started with STM32CubeU5 for STM32U5 series
12-Jan-2024
STM32U595AIH6Q STMICROELECTRONICS-STM32U595AIH6Q Datasheet
1Mb / 30P
Getting started with STM32CubeU5 for STM32U5 series
12-Jan-2024
More results


Similar Description - STM32U595AIT3QTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
logo
STMicroelectronics
STM32G483XE STMICROELECTRONICS-STM32G483XE Datasheet
2Mb / 230P
Arm® Cortex®-M4 32-bit MCUFPU, up to 512 KB Flash, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math accelerator, AES
15-Nov-2021
logo
Nuvoton Technology Corp...
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
logo
STMicroelectronics
STM32U535XX STMICROELECTRONICS-STM32U535XX Datasheet
3Mb / 278P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, up to 512 KB flash memory, 274 KB SRAM
17-Feb-2023
STM32U545XX STMICROELECTRONICS-STM32U545XX Datasheet
3Mb / 283P
Ultra-low-power Arm® Cortex®-M33 MCUTrustZone®FPU,240 DMIPS, 512 KB flash memory, 274 KB SRAM, crypto
17-Feb-2023
STM32U5AXXX STMICROELECTRONICS-STM32U5AXXX Datasheet
6Mb / 382P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, 4 MB Flash, 2.5 MB SRAM, LTDC, MIPI® DSI, crypto
February 2023 Rev 1
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
logo
NXP Semiconductors
LPC55S3X NXP-LPC55S3X Datasheet
3Mb / 164P
32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
Rev. 3.2 - 22 September 2023
logo
STMicroelectronics
STM32G431X6 STMICROELECTRONICS-STM32G431X6 Datasheet
2Mb / 198P
Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
22-Oct-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com