Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ15VAL-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

MMBZ15VAL-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # MMBZ15VAL-Q
Download  MMBZ15VAL-Q Download
File Size   215.81 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance unidirectional double ESD protection diode

MMBZ15VAL-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBZ15VAL-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # MMBZ15VAL-Q
Download  MMBZ15VAL-Q Click to download

File Size   215.81 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance unidirectional double ESD protection diode

MMBZ15VAL-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


MMBZ15VAL-Q Product details

1. General description
Unidirectional double ElectroStatic Discharge (ESD) protection diode in a common anode
configuration, encapsulated in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic
package. The device is designed for ESD and transient overvoltage protection of up to two signal
lines.

2. Features and benefits
• Unidirectional ESD protection of two lines
• Bidirectional ESD protection of one line
• Low diode capacitance: Cd ≤ 105 pF
• Rated peak pulse power: PPPM = 40 W
• Ultra low leakage current: IRM = 5 nA
• ESD protection up to 30 kV (contact discharge)
• IEC 61000-4-2; level 4 (ESD)
• IEC 61643-321
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Computers and peripherals
• Audio and video equipment
• Cellular handsets and accessories
• Automotive electronic control units
• Portable electronics




Similar Part No. - MMBZ15VAL-Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MMBZ15VAL-Q1 TI2-MMBZ15VAL-Q1 Datasheet
711Kb / 14P
MMBZxxVAL-Q1 Dual Channel Zener Diode for Automotive Applications
JUNE 2025
MMBZ15VAL-Q1 TI2-MMBZ15VAL-Q1 Datasheet
700Kb / 14P
MMBZxxVAL Dual Channel Zener Diode
JUNE 2025
MMBZ15VAL-Q1 TI2-MMBZ15VAL-Q1 Datasheet
711Kb / 14P
MMBZxxVAL-Q1 Dual Channel Zener Diode for Automotive Applications
JUNE 2025
MMBZ15VAL-Q1 TI2-MMBZ15VAL-Q1 Datasheet
700Kb / 14P
MMBZxxVAL Dual Channel Zener Diode
JUNE 2025
More results


Similar Description - MMBZ15VAL-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
MMBZ9V1AT-Q NEXPERIA-MMBZ9V1AT-Q Datasheet
206Kb / 10P
Low capacitance unidirectional double ESD protection diode
18 January 2023
MMBZ10VAL-Q NEXPERIA-MMBZ10VAL-Q Datasheet
215Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ12VAL-Q NEXPERIA-MMBZ12VAL-Q Datasheet
214Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ18VAL-Q NEXPERIA-MMBZ18VAL-Q Datasheet
214Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ20VAL-Q NEXPERIA-MMBZ20VAL-Q Datasheet
214Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ27VAL-Q NEXPERIA-MMBZ27VAL-Q Datasheet
217Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ33VAL-Q NEXPERIA-MMBZ33VAL-Q Datasheet
214Kb / 11P
Low capacitance unidirectional double ESD protection diode
13 June 2022
MMBZ16VAT-Q NEXPERIA-MMBZ16VAT-Q Datasheet
210Kb / 11P
Low capacitance unidirectional double ESD protection diode
21 July 2023
MMBZ6V2AL-Q NEXPERIA-MMBZ6V2AL-Q Datasheet
215Kb / 12P
Low capacitance unidirectional double ESD protection diode
11 April 2023
PESD36VS2UT NEXPERIA-PESD36VS2UT Datasheet
335Kb / 11P
Low capacitance unidirectional double ESD protection diode
17 April 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com