Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8400110 Datasheet (PDF) - Renesas Technology Corp

8400110 Datasheet PDF - Renesas Technology Corp
Part # 8400110
Download  8400110 Download
File Size   419.39 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Jitter, Telecom Rate-Conversion PLL

8400110 Datasheet (PDF)

Go To PDF Page Download Datasheet
8400110 Datasheet PDF - Renesas Technology Corp

Part # 8400110
Download  8400110 Click to download

File Size   419.39 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Jitter, Telecom Rate-Conversion PLL

8400110 Datasheet (HTML) - Renesas Technology Corp


8400110 Product details

General Description
The 8400110 is a Low Jitter Telecom Rate-Conversion PLL that
provides accurate and reliable frequency conversion.
The 8400110 generates a 65.536MHz clock that is either locked to
the input reference or locked to the external crystal or oscillator.
In the locked mode, the reference input is continuously monitored for
a failure condition. In the event of a failure, the PLL continues to
provide a stable free-running clock, ensuring system reliability.

Features
• One 65.536MHz output, synchronized to 8kHz reference
• One 25MHz output, buffered version of the internal osc output
• Provides lock and reference fail indication
• Free run mode when reference clock (REF) fails
• Automatic switch-over to reference when good reference (REF) is
available
• 25MHz external master clock source: crystal or oscillator
• Full 3.3V operation
• -40°C to 85°C ambient operating temperature
• Available in a lead-free (RoHS 6) package




Similar Part No. - 8400110

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8400110 IDT-8400110 Datasheet
231Kb / 15P
Low Jitter, Telecom Rate-Conversion PLL
8400110EKILF IDT-8400110EKILF Datasheet
231Kb / 15P
Low Jitter, Telecom Rate-Conversion PLL
8400110EKILFT IDT-8400110EKILFT Datasheet
231Kb / 15P
Low Jitter, Telecom Rate-Conversion PLL
More results


Similar Description - 8400110

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1574 ICST-MK1574 Datasheet
83Kb / 6P
Frame Rate Communications PLL
Revision 011999
logo
Level One
LXP610 LVL1-LXP610 Datasheet
815Kb / 12P
Low-Jitter Multi-Rate Clock Adapter(CLAD)
logo
Mitel Networks Corporat...
MT90863 MITEL-MT90863 Datasheet
154Kb / 35P
3V Rate Conversion Digital Switch
logo
Zarlink Semiconductor I...
ZL30110 ZARLINK-ZL30110 Datasheet
292Kb / 21P
Telecom Rate Conversion DPLL
logo
ON Semiconductor
NIS5102QP2HT1G ONSEMI-NIS5102QP2HT1G Datasheet
223Kb / 2P
12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
logo
Silicon Laboratories
SI5315B-C-GM SILABS-SI5315B-C-GM Datasheet
416Kb / 54P
SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
logo
Linear Technology
LTC6950 LINER-LTC6950 Datasheet
1Mb / 12P
1.4GHz Low Phase Noise, Low Jitter PLL with Clock Distribution
logo
Integrated Device Techn...
8400110 IDT-8400110 Datasheet
231Kb / 15P
Low Jitter, Telecom Rate-Conversion PLL
logo
Renesas Technology Corp
MK1574-01B RENESAS-MK1574-01B Datasheet
432Kb / 12P
FRAME RATE COMMUNICATIONS PLL
051310
logo
Skyworks Solutions Inc.
SI5315 SKYWORKS-SI5315 Datasheet
1Mb / 54P
SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
Rev. 1.0
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com