Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK1574 Datasheet (PDF) - Integrated Circuit Systems

MK1574 Datasheet PDF - Integrated Circuit Systems
Part # MK1574
Download  MK1574 Download
File Size   83.69 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frame Rate Communications PLL

MK1574 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK1574 Datasheet PDF - Integrated Circuit Systems

Part # MK1574
Download  MK1574 Click to download

File Size   83.69 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frame Rate Communications PLL

MK1574 Datasheet (HTML) - Integrated Circuit Systems


MK1574 Product details

Description
The MK1574-01 is a Phase-Locked Loop (PLL) based clock synthesizer, which accepts an 8 kHz clock input as a reference, and generates many popular communications frequencies. All outputs are frequency locked together and to the input. This allows for the generation of locked clocks to the 8 kHz backplane clock, simplifying clock generation and distribution in communications systems.

Features
• Packaged in 16 pin narrow (150 mil) SOIC
• Exact multiplications stored in the device eliminate the need for external dividers
• Accepts 8 kHz input clock
• Output clock rates include T1, E1, T2, E2
• 3.0V to 5.5V operation
• Available in commercial (0 to +70 C) or industrial (-40 to +85 C) temperature ranges
• For jitter attenuation, use the MK2049




Similar Part No. - MK1574

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1574 RENESAS-MK1574 Datasheet
385Kb / 11P
3.3 VOLT FRAME RATE COMMUNICATIONS PLL
111605
MK1574-01ASILF RENESAS-MK1574-01ASILF Datasheet
432Kb / 12P
FRAME RATE COMMUNICATIONS PLL
051310
MK1574-01ASILFTR RENESAS-MK1574-01ASILFTR Datasheet
432Kb / 12P
FRAME RATE COMMUNICATIONS PLL
051310
MK1574-01ASLF RENESAS-MK1574-01ASLF Datasheet
432Kb / 12P
FRAME RATE COMMUNICATIONS PLL
051310
MK1574-01ASLFTR RENESAS-MK1574-01ASLFTR Datasheet
432Kb / 12P
FRAME RATE COMMUNICATIONS PLL
051310
More results


Similar Description - MK1574

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
Communications Clock PLL
Revision 040601
MK2049-34 ICST-MK2049-34 Datasheet
135Kb / 11P
3.3 V Communications Clock PLL
Revision 121400
MK2049-35 ICST-MK2049-35 Datasheet
125Kb / 10P
3.3 V Communications Clock PLL
Revision 121300
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
3.3 V Communications Clock PLL
Revision 120400
MK2049-45 ICST-MK2049-45 Datasheet
182Kb / 9P
3.3V Communications Clock PLL
Revision 101904
logo
Renesas Technology Corp
MK1574-01B RENESAS-MK1574-01B Datasheet
432Kb / 12P
FRAME RATE COMMUNICATIONS PLL
051310
MK2049-36 RENESAS-MK2049-36 Datasheet
248Kb / 9P
3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45 RENESAS-MK2049-45 Datasheet
410Kb / 11P
3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
MK2049-45A RENESAS-MK2049-45A Datasheet
262Kb / 11P
3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK1574 RENESAS-MK1574 Datasheet
385Kb / 11P
3.3 VOLT FRAME RATE COMMUNICATIONS PLL
111605
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com