Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK2049-01 Datasheet (PDF) - Integrated Circuit Systems

MK2049-01 Datasheet PDF - Integrated Circuit Systems
Part # MK2049-01
Download  MK2049-01 Download
File Size   137.06 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Communications Clock PLL

MK2049-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2049-01 Datasheet PDF - Integrated Circuit Systems

Part # MK2049-01
Download  MK2049-01 Click to download

File Size   137.06 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Communications Clock PLL

MK2049-01 Datasheet (HTML) - Integrated Circuit Systems


MK2049-01 Product details

Description
The MK2049 is a Phase-Locked Loop (PLL) based clock synthesizer, which accepts an 8 kHz clock input as a reference and generates T1, E1, T3, E3, and OC3 frequencies. The device can also accept a T1, E1, T3, or E3 input clock and provide the same output for loop timing. All outputs are frequency locked together and to the input. This allows for the generation of locked clocks to an 8 kHz backplane clock, simplifying clock distribution in communications systems.

Features
• Packaged in 20 pin SOIC
• Meets the TR62411, ETS300 011, and GR-1244 specification for MTIE, Pull-in/Hold-in Range, Phase Transients, and Jitter Generation for Stratum 3, 4, and 4E
• Accepts multiple inputs: 8 kHz backplane clock or Loop Timing frequencies
• Locks to 8 kHz ±100 ppm (External mode)
• Exact internal ratios eliminate the need for external dividers
• Zero ppm synthesis error in all output clocks.
• Output clock rates include T1, E1, T3, E3, and OC3÷8
• 5 V ±5% operation
• Offered in Commercial and Industrial temperature versions




Similar Part No. - MK2049-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-02 ICST-MK2049-02 Datasheet
148Kb / 12P
Communications Clock PLLs
Revision 040601
MK2049-02S ICST-MK2049-02S Datasheet
148Kb / 12P
Communications Clock PLLs
Revision 040601
MK2049-02SI ICST-MK2049-02SI Datasheet
148Kb / 12P
Communications Clock PLLs
Revision 040601
MK2049-02SITR ICST-MK2049-02SITR Datasheet
148Kb / 12P
Communications Clock PLLs
Revision 040601
MK2049-02STR ICST-MK2049-02STR Datasheet
148Kb / 12P
Communications Clock PLLs
Revision 040601
More results


Similar Description - MK2049-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1574 ICST-MK1574 Datasheet
83Kb / 6P
Frame Rate Communications PLL
Revision 011999
MK2049-34 ICST-MK2049-34 Datasheet
135Kb / 11P
3.3 V Communications Clock PLL
Revision 121400
MK2049-35 ICST-MK2049-35 Datasheet
125Kb / 10P
3.3 V Communications Clock PLL
Revision 121300
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
3.3 V Communications Clock PLL
Revision 120400
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
3.3 Volt Communications Clock VCXO PLL
Revision 032504
MK2049-45 ICST-MK2049-45 Datasheet
182Kb / 9P
3.3V Communications Clock PLL
Revision 101904
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
MK2049-36 RENESAS-MK2049-36 Datasheet
248Kb / 9P
3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45 RENESAS-MK2049-45 Datasheet
410Kb / 11P
3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
MK2049-45A RENESAS-MK2049-45A Datasheet
262Kb / 11P
3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com