Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK2049-34 Datasheet (PDF) - Integrated Circuit Systems

MK2049-34 Datasheet PDF - Integrated Circuit Systems
Part # MK2049-34
Download  MK2049-34 Download
File Size   135.66 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 3.3 V Communications Clock PLL

MK2049-34 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2049-34 Datasheet PDF - Integrated Circuit Systems

Part # MK2049-34
Download  MK2049-34 Click to download

File Size   135.66 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description 3.3 V Communications Clock PLL

MK2049-34 Datasheet (HTML) - Integrated Circuit Systems


MK2049-34 Product details

Description
The MK2049-34 is a Phase-Locked Loop (PLL) based clock synthesizer that accepts multiple input frequencies. With an 8 kHz clock input as a reference, the MK2049-34 generates T1, E1, T3, E3, ISDN, xDSL, and other communications frequencies. This allows for the generation of clocks frequency-locked and phase-locked to an 8 kHz backplane clock, simplifying clock synchronization in communications systems. The MK2049-34 can also accept a T1 or E1 input clock and provide the same output for loop timing. All outputs are frequency locked together and to the input.

Features
• Packaged in 20 pin SOIC
• 3.3 V ±5% operation
• Fixed I/O phase relationship on all selections
• Meets the TR62411, ETS300 011, and GR-1244 specification for MTIE, Pull-in/Hold-in Range, Phase Transients, and Jitter Generation for Stratum 3, 4, and 4E
• Accepts multiple inputs: 8 kHz backplane clock, Loop Timing frequencies, or 10-36 MHz
• Locks to 8 kHz ±100 ppm (External mode)
• Buffer Mode allows jitter attenuation of 10–36 MHz input and x1/x0.5 or x2/x4 outputs
• Exact internal ratios enable zero ppm error
• Output clock rates include T1, E1, T3, E3, ISDN, xDSL, and OC3 submultiples
• See the MK2049-01, -02, and -03 for more selections at VDD = 5 V




Similar Part No. - MK2049-34

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
logo
Integrated Circuit Syst...
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
3.3 Volt Communications Clock VCXO PLL
Revision 032504
MK2049-34SAI ICST-MK2049-34SAI Datasheet
136Kb / 8P
3.3 Volt Communications Clock VCXO PLL
Revision 032504
MK2049-34SAITR ICST-MK2049-34SAITR Datasheet
136Kb / 8P
3.3 Volt Communications Clock VCXO PLL
Revision 032504
logo
Renesas Technology Corp
MK2049-34SI RENESAS-MK2049-34SI Datasheet
256Kb / 10P
3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
More results


Similar Description - MK2049-34

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
Communications Clock PLL
Revision 040601
MK2049-35 ICST-MK2049-35 Datasheet
125Kb / 10P
3.3 V Communications Clock PLL
Revision 121300
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
3.3 V Communications Clock PLL
Revision 120400
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
3.3 Volt Communications Clock VCXO PLL
Revision 032504
MK2049-45 ICST-MK2049-45 Datasheet
182Kb / 9P
3.3V Communications Clock PLL
Revision 101904
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
MK2049-36 RENESAS-MK2049-36 Datasheet
248Kb / 9P
3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45 RENESAS-MK2049-45 Datasheet
410Kb / 11P
3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
MK2049-45A RENESAS-MK2049-45A Datasheet
262Kb / 11P
3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK1574 RENESAS-MK1574 Datasheet
385Kb / 11P
3.3 VOLT FRAME RATE COMMUNICATIONS PLL
111605
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com