Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK1574 Datasheet (PDF) - Renesas Technology Corp

MK1574 Datasheet PDF - Renesas Technology Corp
Part # MK1574
Download  MK1574 Download
File Size   385.15 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT FRAME RATE COMMUNICATIONS PLL

MK1574 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK1574 Datasheet PDF - Renesas Technology Corp

Part # MK1574
Download  MK1574 Click to download

File Size   385.15 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT FRAME RATE COMMUNICATIONS PLL

MK1574 Datasheet (HTML) - Renesas Technology Corp


MK1574 Product details

Features
• 3.3 volt operation
• Packaged in 16-pin SOIC
• Accepts 8 kHz input clock
• Output clock rates include T1, E1, T2, E2
• Available in commercial (0º to + 70ºC) or industrial (-40 to
+85ºC) temperature ranges
• Available in Pb (lead) free package
• For jitter attenuation, use the MK2049
• For 5.0 V operation, use the MK1574-01A




Similar Part No. - MK1574

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1574 ICST-MK1574 Datasheet
83Kb / 6P
Frame Rate Communications PLL
Revision 011999
logo
Renesas Technology Corp
MK1574-01ASILF RENESAS-MK1574-01ASILF Datasheet
432Kb / 12P
FRAME RATE COMMUNICATIONS PLL
051310
MK1574-01ASILFTR RENESAS-MK1574-01ASILFTR Datasheet
432Kb / 12P
FRAME RATE COMMUNICATIONS PLL
051310
MK1574-01ASLF RENESAS-MK1574-01ASLF Datasheet
432Kb / 12P
FRAME RATE COMMUNICATIONS PLL
051310
MK1574-01ASLFTR RENESAS-MK1574-01ASLFTR Datasheet
432Kb / 12P
FRAME RATE COMMUNICATIONS PLL
051310
More results


Similar Description - MK1574

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1574 ICST-MK1574 Datasheet
83Kb / 6P
Frame Rate Communications PLL
Revision 011999
MK2049-34 ICST-MK2049-34 Datasheet
135Kb / 11P
3.3 V Communications Clock PLL
Revision 121400
MK2049-35 ICST-MK2049-35 Datasheet
125Kb / 10P
3.3 V Communications Clock PLL
Revision 121300
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
3.3 V Communications Clock PLL
Revision 120400
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
3.3 Volt Communications Clock VCXO PLL
Revision 032504
logo
Renesas Technology Corp
MK1574-01B RENESAS-MK1574-01B Datasheet
432Kb / 12P
FRAME RATE COMMUNICATIONS PLL
051310
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
MK2049-36 RENESAS-MK2049-36 Datasheet
248Kb / 9P
3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK2049-45 RENESAS-MK2049-45 Datasheet
410Kb / 11P
3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
MK2049-45A RENESAS-MK2049-45A Datasheet
262Kb / 11P
3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com