Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

954119 Datasheet (PDF) - Renesas Technology Corp

954119 Datasheet PDF - Renesas Technology Corp
Part # 954119
Download  954119 Download
File Size   274.49 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Timing Control Hub™ for Next Gen P4™ processor

954119 Datasheet (PDF)

Go To PDF Page Download Datasheet
954119 Datasheet PDF - Renesas Technology Corp

Part # 954119
Download  954119 Click to download

File Size   274.49 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Timing Control Hub™ for Next Gen P4™ processor

954119 Datasheet (HTML) - Renesas Technology Corp


954119 Product details

Features/Benefits:
• Programmable output frequencies
• Programmable output skew.
• Programmable spread percentage for EMI control.
• Programmable watch dog safe frequency.
• Supports tight ppm accuracy clocks for Serial-ATA
• Supports spread spectrum modulation, 0 to -0.5%
down spread, ±0.25% center spread, and ±0.3%
center spread
• Uses external 14.318MHz crystal, external crystal load
caps are required for frequency tuning
• Supports undriven differential CPU, SRC pair in PD#
for power management.




Similar Part No. - 954119

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
954119DFLF IDT-954119DFLF Datasheet
219Kb / 17P
Programmable Timing Control Hub??for Next Gen P4??processor
More results


Similar Description - 954119

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952906A ICST-ICS952906A Datasheet
301Kb / 23P
Programmable Timing Control Hub for Next Gen P4??processor
logo
Renesas Technology Corp
952926 RENESAS-952926 Datasheet
327Kb / 23P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
953008 RENESAS-953008 Datasheet
311Kb / 21P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
954141 RENESAS-954141 Datasheet
288Kb / 20P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
ICS952606 RENESAS-ICS952606 Datasheet
167Kb / 20P
Programmable Timing Control Hub™ for Next Gen P4™ processor
06/10/05
ICS952607 RENESAS-ICS952607 Datasheet
397Kb / 23P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952623 RENESAS-ICS952623 Datasheet
439Kb / 29P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952624 RENESAS-ICS952624 Datasheet
303Kb / 18P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952906A RENESAS-ICS952906A Datasheet
495Kb / 24P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS953002 RENESAS-ICS953002 Datasheet
507Kb / 36P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com