Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952607 Datasheet (PDF) - Renesas Technology Corp

ICS952607 Datasheet PDF - Renesas Technology Corp
Part # ICS952607
Download  ICS952607 Download
File Size   397.87 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Timing Control Hub™ for Next Gen P4™ processor

ICS952607 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS952607 Datasheet PDF - Renesas Technology Corp

Part # ICS952607
Download  ICS952607 Click to download

File Size   397.87 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Timing Control Hub™ for Next Gen P4™ processor

ICS952607 Datasheet (HTML) - Renesas Technology Corp


ICS952607 Product details

Features/Benefits:
• QuadRomTM frequency selection.
• Programmable output frequency.
• Programmable asynchronous 3V66&PCI frequency.
• Programmable output divider ratios.
• Programmable output rise/fall time.
• Programmable output skew.
• Programmable spread percentage for EMI control.
• Watchdog timer technology to reset system if system
malfunctions.
• Programmable watch dog safe frequency.
• Support I2C Index read/write and block read/write
operations.
• Uses external 14.318MHz reference input.
• Supports tight ppm accuracy clocks for Serial-ATA
• Supports spread spectrum modulation, 0 to -0.5%
down spread and +/- 0.25% center spread
• Supports CPU clks up to 400MHz




Similar Part No. - ICS952607

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952607 ICST-ICS952607 Datasheet
214Kb / 21P
Programmable Timing Control Hub for Next Gen P4 processor
ICS952607YFLF-T ICST-ICS952607YFLF-T Datasheet
214Kb / 21P
Programmable Timing Control Hub for Next Gen P4 processor
More results


Similar Description - ICS952607

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS952906A ICST-ICS952906A Datasheet
301Kb / 23P
Programmable Timing Control Hub for Next Gen P4??processor
logo
Renesas Technology Corp
952926 RENESAS-952926 Datasheet
327Kb / 23P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
953008 RENESAS-953008 Datasheet
311Kb / 21P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
954119 RENESAS-954119 Datasheet
274Kb / 18P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
954141 RENESAS-954141 Datasheet
288Kb / 20P
Programmable Timing Control Hub™ for Next Gen P4™ processor
Mar 2020
ICS952606 RENESAS-ICS952606 Datasheet
167Kb / 20P
Programmable Timing Control Hub™ for Next Gen P4™ processor
06/10/05
ICS952623 RENESAS-ICS952623 Datasheet
439Kb / 29P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952624 RENESAS-ICS952624 Datasheet
303Kb / 18P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS952906A RENESAS-ICS952906A Datasheet
495Kb / 24P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
ICS953002 RENESAS-ICS953002 Datasheet
507Kb / 36P
Programmable Timing Control Hub™ for Next Gen P4™ processor
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com