Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC03DGM Datasheet (PDF) - Renesas Technology Corp

AC03DGM Datasheet PDF - Renesas Technology Corp
Part # AC03DGM
Download  AC03DGM Download
File Size   373.78 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3 A MOLD TRIAC

AC03DGM Datasheet (PDF)

Go To PDF Page Download Datasheet
AC03DGM Datasheet PDF - Renesas Technology Corp

Part # AC03DGM
Download  AC03DGM Click to download

File Size   373.78 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3 A MOLD TRIAC

AC03DGM Datasheet (HTML) - Renesas Technology Corp


AC03DGM Product details

FEATURES
• Gate trigger current (mode I, III, and IV) at 12 mA or less is
guaranteed.
• This transistor features a small and lightweight package and is
easy to handle even on the mounting surface due to its TO202AA dimensions. Processing of lead wires and heatsink
(tablet) using jigs is also possible.
• High degrees-of-freedom applications design is available due to
high gate trigger sensitivity and small hold current distribution.
• Employs flame-retardant epoxy resin (UL94V-0).




Similar Part No. - AC03DGM

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
AC03DGM TECCOR-AC03DGM Datasheet
2Mb / 223P
Thyristor Product Catalog
logo
NEC
AC03DGM NEC-AC03DGM Datasheet
179Kb / 6P
3A MOLD TRIAC
More results


Similar Description - AC03DGM

ManufacturerPart #DatasheetDescription
logo
NEC
AC03DSM NEC-AC03DSM Datasheet
876Kb / 6P
3 A MOLD ISOLATED TRIAC
AC05FGM NEC-AC05FGM Datasheet
710Kb / 6P
5 A MOLD TRIAC
AC05FJM NEC-AC05FJM Datasheet
346Kb / 6P
5 A MOLD TRIAC
AC03DJM NEC-AC03DJM Datasheet
303Kb / 6P
3 A MOLD TRIAC
AC0V8DGM NEC-AC0V8DGM Datasheet
1Mb / 6P
0.8 A MOLD TRIAC
AC01DJM NEC-AC01DJM Datasheet
410Kb / 6P
1 A POWER MINI MOLD TRIAC
logo
Renesas Technology Corp
AC03DSMA RENESAS-AC03DSMA Datasheet
363Kb / 8P
3 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC10DSMA RENESAS-AC10DSMA Datasheet
404Kb / 8P
10 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC12DSMA RENESAS-AC12DSMA Datasheet
413Kb / 8P
12 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC05DJM RENESAS-AC05DJM Datasheet
473Kb / 8P
5 A MOLD TRIAC
1988
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com