Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC03DSMA Datasheet (PDF) - Renesas Technology Corp

AC03DSMA Datasheet PDF - Renesas Technology Corp
Part # AC03DSMA
Download  AC03DSMA Download
File Size   363.66 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3 A RESIN MOLD TYPE TRIAC

AC03DSMA Datasheet (PDF)

Go To PDF Page Download Datasheet
AC03DSMA Datasheet PDF - Renesas Technology Corp

Part # AC03DSMA
Download  AC03DSMA Click to download

File Size   363.66 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3 A RESIN MOLD TYPE TRIAC

AC03DSMA Datasheet (HTML) - Renesas Technology Corp


AC03DSMA Product details

DESCRIPTION
The AC03DSMA and AC03FSMA are resin mold type TRIACs
with an effective on-state current 3 A (TC = 109°C), repetitive
peak off-state voltage 400 V and 600 V.

FEATURES
• Can be replaced with TO-220AB package
• High allowable on-current when using a single unit




Similar Part No. - AC03DSMA

ManufacturerPart #DatasheetDescription
logo
NEC
AC03DSMA NEC-AC03DSMA Datasheet
876Kb / 6P
3 A MOLD ISOLATED TRIAC
logo
Kersemi Electronic Co.,...
AC03DSMA KERSEMI-AC03DSMA Datasheet
1Mb / 5P
30 A surge current
More results


Similar Description - AC03DSMA

ManufacturerPart #DatasheetDescription
logo
NEC
AC03DSM NEC-AC03DSM Datasheet
876Kb / 6P
3 A MOLD ISOLATED TRIAC
AC03DJM NEC-AC03DJM Datasheet
303Kb / 6P
3 A MOLD TRIAC
logo
Renesas Technology Corp
8P2SMA RENESAS-8P2SMA Datasheet
410Kb / 8P
8 A RESIN MOLD TYPE SCR
2011
5P4SMA RENESAS-5P4SMA Datasheet
406Kb / 8P
5 A RESIN MOLD TYPE SCR
1988
AC03DGM RENESAS-AC03DGM Datasheet
373Kb / 8P
3 A MOLD TRIAC
April 1st, 2010
AC05DSMA RENESAS-AC05DSMA Datasheet
421Kb / 8P
5 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC08DSMA RENESAS-AC08DSMA Datasheet
285Kb / 8P
8 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC10DSMA RENESAS-AC10DSMA Datasheet
404Kb / 8P
10 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC12DSMA RENESAS-AC12DSMA Datasheet
413Kb / 8P
12 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC16DSMA RENESAS-AC16DSMA Datasheet
403Kb / 8P
16 A RESIN MOLD TYPE TRIAC
April 1st, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com