Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC05DSMA Datasheet (PDF) - Renesas Technology Corp

AC05DSMA Datasheet PDF - Renesas Technology Corp
Part # AC05DSMA
Download  AC05DSMA Download
File Size   421.52 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5 A RESIN MOLD TYPE TRIAC

AC05DSMA Datasheet (PDF)

Go To PDF Page Download Datasheet
AC05DSMA Datasheet PDF - Renesas Technology Corp

Part # AC05DSMA
Download  AC05DSMA Click to download

File Size   421.52 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5 A RESIN MOLD TYPE TRIAC

AC05DSMA Datasheet (HTML) - Renesas Technology Corp


AC05DSMA Product details

DESCRIPTION
The AC05DSMA and AC05FSMA are resin mold type TRIACs
with an effective on-state current 5 A (TC = 99°C), repetitive peak
off-state voltage 400 V and 600 V.

FEATURES
• Can be replaced with TO-220AB package
• High allowable on-current when using a single unit




Similar Part No. - AC05DSMA

ManufacturerPart #DatasheetDescription
logo
NEC
AC05DSMA NEC-AC05DSMA Datasheet
223Kb / 6P
5 A RESIN INSULATION TYPE TRIAC
More results


Similar Description - AC05DSMA

ManufacturerPart #DatasheetDescription
logo
NEC
AC05FGM NEC-AC05FGM Datasheet
710Kb / 6P
5 A MOLD TRIAC
AC05FJM NEC-AC05FJM Datasheet
346Kb / 6P
5 A MOLD TRIAC
AC05DSMA NEC-AC05DSMA Datasheet
223Kb / 6P
5 A RESIN INSULATION TYPE TRIAC
logo
Renesas Technology Corp
5P4SMA RENESAS-5P4SMA Datasheet
406Kb / 8P
5 A RESIN MOLD TYPE SCR
1988
AC03DSMA RENESAS-AC03DSMA Datasheet
363Kb / 8P
3 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC08DSMA RENESAS-AC08DSMA Datasheet
285Kb / 8P
8 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC10DSMA RENESAS-AC10DSMA Datasheet
404Kb / 8P
10 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC12DSMA RENESAS-AC12DSMA Datasheet
413Kb / 8P
12 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC16DSMA RENESAS-AC16DSMA Datasheet
403Kb / 8P
16 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC05DJM RENESAS-AC05DJM Datasheet
473Kb / 8P
5 A MOLD TRIAC
1988
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com