Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5P4SMA Datasheet (PDF) - Renesas Technology Corp

5P4SMA Datasheet PDF - Renesas Technology Corp
Part # 5P4SMA
Download  5P4SMA Download
File Size   406.11 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5 A RESIN MOLD TYPE SCR

5P4SMA Datasheet (PDF)

Go To PDF Page Download Datasheet
5P4SMA Datasheet PDF - Renesas Technology Corp

Part # 5P4SMA
Download  5P4SMA Click to download

File Size   406.11 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5 A RESIN MOLD TYPE SCR

5P4SMA Datasheet (HTML) - Renesas Technology Corp


5P4SMA Product details

DESCRIPTION
The 5P4SMA and 5P6SMA are resin mold type SCRs with an
average on-state current 5 A (TC = 94°C), repetitive peak offstate
voltage 400 V and 600 V.
FEATURES
• Can be replaced with TO-220AB package
• High allowable on-current when using a single unit
APPLICATIONS
• Motor speed control for household appliance
• Temperature control for heater and constant temperature box
• Constant voltage power source and battery charger
• Automotive application such as regulator
• Various solid state relay, etc.




Similar Part No. - 5P4SMA

ManufacturerPart #DatasheetDescription
logo
NEC
5P4SMA NEC-5P4SMA Datasheet
251Kb / 6P
P gate all Diffused mold type Thyristor granted 5 A on-state Average current, with rated Voltages up to 600V
logo
Kersemi Electronic Co.,...
5P4SMA KERSEMI-5P4SMA Datasheet
1Mb / 5P
Motor speed control for household appliance
logo
Renesas Technology Corp
5P4SMA RENESAS-5P4SMA Datasheet
1Mb / 8P
THYRISTORS
1988
More results


Similar Description - 5P4SMA

ManufacturerPart #DatasheetDescription
logo
NEC
03P2M NEC-03P2M Datasheet
462Kb / 4P
0.47 A(R.M.S.)ALL DIFFUSED MOLD TYPE SCR
AC05DSMA NEC-AC05DSMA Datasheet
223Kb / 6P
5 A RESIN INSULATION TYPE TRIAC
logo
Renesas Technology Corp
8P2SMA RENESAS-8P2SMA Datasheet
410Kb / 8P
8 A RESIN MOLD TYPE SCR
2011
3P4MH RENESAS-3P4MH Datasheet
373Kb / 8P
THYRISTORS 3 A MOLD SCR
2002
AC03DSMA RENESAS-AC03DSMA Datasheet
363Kb / 8P
3 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC05DSMA RENESAS-AC05DSMA Datasheet
421Kb / 8P
5 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC08DSMA RENESAS-AC08DSMA Datasheet
285Kb / 8P
8 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC10DSMA RENESAS-AC10DSMA Datasheet
404Kb / 8P
10 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC12DSMA RENESAS-AC12DSMA Datasheet
413Kb / 8P
12 A RESIN MOLD TYPE TRIAC
April 1st, 2010
AC16DSMA RENESAS-AC16DSMA Datasheet
403Kb / 8P
16 A RESIN MOLD TYPE TRIAC
April 1st, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com