Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS03MS Datasheet (PDF) - Renesas Technology Corp

ACS03MS Datasheet PDF - Renesas Technology Corp
Part # ACS03MS
Download  ACS03MS Download
File Size   248.86 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Quad 2-InputNAND Gate with Open Drain

ACS03MS Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS03MS Datasheet PDF - Renesas Technology Corp

Part # ACS03MS
Download  ACS03MS Click to download

File Size   248.86 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Quad 2-InputNAND Gate with Open Drain

ACS03MS Datasheet (HTML) - Renesas Technology Corp


ACS03MS Product details

Features
• Devices QML Qualified in Accordance with MIL-PRF38535
• Detailed Electrical and Screening Requirements are
Contained in SMD# 5962-96703 and Intersil’s QM Plan
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose >300K RAD (Si)
• Single Event Upset (SEU) Immunity: <1 x 10-10
Errors/Bit/Day (Typ)
• SEU LET Threshold>100 MEV-cm2/mg
• Dose Rate Upset>1011 RAD (Si)/s, 20ns Pulse
• Dose Rate Survivability>1012 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range-55oC to +125oC
• Significant Power Reduction Compared to ALSTTL
Logic
• DC Operating Voltage Range 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current  1A at VOL, VOH
• Fast Propagation Delay15ns (Max), 10ns (Typ)

Description
The Intersil ACS03MS is a Radiation Hardened quad 2-input
NAND gate with open drain outputs. The open drain output
can drive resistive loads from a separate supply voltage.
The ACS03MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of a
radiation hardened, high-speed, CMOS/SOS Logic Family.
The ACS03MS is supplied in a 14 lead Ceramic Flatpack (K
suffix) or a Ceramic Dual-In-Line Package (D suffix).




Similar Part No. - ACS03MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS03MS INTERSIL-ACS03MS Datasheet
84Kb / 4P
Radiation Hardened Quad 2-Input NAND Gate with Open Drain
January 1996
More results


Similar Description - ACS03MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS00MS INTERSIL-ACS00MS Datasheet
68Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACS03MS INTERSIL-ACS03MS Datasheet
84Kb / 4P
Radiation Hardened Quad 2-Input NAND Gate with Open Drain
January 1996
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input AND Gate
July 1998
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
April 1995
HCS02MS INTERSIL-HCS02MS Datasheet
144Kb / 8P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCS05MS INTERSIL-HCS05MS Datasheet
107Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
August 1995
HCS05MS RENESAS-HCS05MS Datasheet
316Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com