Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS02MS Datasheet (PDF) - Intersil Corporation

HCS02MS Datasheet PDF - Intersil Corporation
Part # HCS02MS
Download  HCS02MS Download
File Size   144.76 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad 2-Input NOR Gate

HCS02MS Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS02MS Datasheet PDF - Intersil Corporation

Part # HCS02MS
Download  HCS02MS Click to download

File Size   144.76 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad 2-Input NOR Gate

HCS02MS Datasheet (HTML) - Intersil Corporation


HCS02MS Product details

Description
The Intersil HCS02MS is a Radiation Hardened Quad 2-Input NOR
Gate. A low on both inputs forces the output to a High state.
The HCS02MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS02MS is supplied in a 14 lead Ceramic Flatpack Package
(K suffix) or a 14 lead SBDIP Package (D suffix).

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD(Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day
(Typ)
• Dose Rate Survivability: >1 x 1012 Rads (Si)/s
• Dose Rate Upset >1010 RAD(Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCS02MS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS02MS RENESAS-HCS02MS Datasheet
453Kb / 8P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
More results


Similar Description - HCS02MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS02MS INTERSIL-ACS02MS Datasheet
50Kb / 2P
Radiation Hardened Quad 2-Input NOR Gate
November 1998
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input AND Gate
July 1998
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
April 1995
HCTS02MS INTERSIL-HCTS02MS Datasheet
75Kb / 11P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCTS7266MS INTERSIL-HCTS7266MS Datasheet
135Kb / 8P
Radiation Hardened Quad 2-Input Exclusive NOR Gate
August 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
August 1995
HCS02MS RENESAS-HCS02MS Datasheet
453Kb / 8P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCTS02MS RENESAS-HCTS02MS Datasheet
486Kb / 8P
Radiation Hardened Quad2-Input NOR Gate
August 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com