Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS02MS Datasheet(PDF) 3 Page - Intersil Corporation

Part # HCS02MS
Description  Radiation Hardened Quad 2-Input NOR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS02MS Datasheet(HTML) 3 Page - Intersil Corporation

  HCS02MS Datasheet HTML 1Page - Intersil Corporation HCS02MS Datasheet HTML 2Page - Intersil Corporation HCS02MS Datasheet HTML 3Page - Intersil Corporation HCS02MS Datasheet HTML 4Page - Intersil Corporation HCS02MS Datasheet HTML 5Page - Intersil Corporation HCS02MS Datasheet HTML 6Page - Intersil Corporation HCS02MS Datasheet HTML 7Page - Intersil Corporation HCS02MS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input to Yn
TPHL
VCC = 4.5V
9
+25oC
2
18
ns
10, 11
+125oC, -55oC
2
20
ns
Input to Yn
TPLH
VCC = 4.5V
9
+25oC
2
20
ns
10, 11
+125oC, -55oC
2
22
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Capacitance Power
Dissipation
CPD
VCC = 5.0V, f = 1MHz
1
+25oC
-
18
pF
1
+125oC, -55oC
-
26
pF
Input Capacitance
CIN
VCC = 5.0V, f = 1MHz
1
+25oC
-
10
pF
1
+125oC
-
10
pF
Output Transition
Time
TTHL
TTLH
VCC = 4.5V
1
+25oC
-
15
ns
1
+125oC
-
22
ns
NOTE:
1. The parameters listed in Table 3 are controlled via design or process parameters. Min and Max Limits are guaranteed but not directly
tested. These parameters are characterized upon initial design release and upon design changes which affect these characteristics.
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETERS
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.2
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIN = VCC or GND, VOUT = 0.4V
+25oC
4.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIN = VCC or GND,
VOUT = VCC -0.4V
+25oC
-4.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V or 5.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC) at 200K RAD, IOL = 50
µA
+25oC
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V or 5.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC) at 200K RAD, IOH = -50
µA
+25oC
VCC
-0.1
-V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
±5
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC) at 200K RAD, (Note 3)
+25oC
---
Input to Yn
TPHL
VCC = 4.5V
+25oC
2
20
ns
TPLH
VCC = 4.5V
+25oC
2
22
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
3. For functional tests, VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
Specifications HCS02MS
Spec Number
518744



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com