Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS02MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCS02MS
Description  Radiation Hardened Quad 2-Input NOR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS02MS Datasheet(HTML) 1 Page - Intersil Corporation

  HCS02MS Datasheet HTML 1Page - Intersil Corporation HCS02MS Datasheet HTML 2Page - Intersil Corporation HCS02MS Datasheet HTML 3Page - Intersil Corporation HCS02MS Datasheet HTML 4Page - Intersil Corporation HCS02MS Datasheet HTML 5Page - Intersil Corporation HCS02MS Datasheet HTML 6Page - Intersil Corporation HCS02MS Datasheet HTML 7Page - Intersil Corporation HCS02MS Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
HCS02MS
Radiation Hardened
Quad 2-Input NOR Gate
Pinouts
14 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T14
TOP VIEW
14 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP3-F14
TOP VIEW
Functional Diagram
TRUTH TABLE
INPUTS
OUTPUTS
An
Bn
Yn
LL
H
LHL
HL
L
HH
L
NOTE: L = Logic Level Low, H = Logic level High
Y1
A1
B1
Y2
A2
B2
GND
VCC
Y4
B4
A4
Y3
B3
A3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
Y1
A1
B1
Y2
A2
B2
GND
VCC
Y4
B4
A4
Y3
B3
A3
(2, 5, 8, 11)
An
(3, 6, 9, 12)
Bn
Yn
(1, 4, 10, 13)
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD(Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day
(Typ)
• Dose Rate Survivability: >1 x 1012 Rads (Si)/s
• Dose Rate Upset >1010 RAD(Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCS02MS is a Radiation Hardened Quad 2-Input NOR
Gate. A low on both inputs forces the output to a High state.
The HCS02MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS02MS is supplied in a 14 lead Ceramic Flatpack Package
(K suffix) or a 14 lead SBDIP Package (D suffix).
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
SCREENING
LEVEL
PACKAGE
HCS02DMSR
-55oC to +125oC
Intersil Class
S Equivalent
14 Lead SBDIP
HCS02KMSR
-55oC to +125oC
Intersil Class
S Equivalent
14 Lead Ceramic
Flatpack
HCS02D/
Sample
+25oC
Sample
14 Lead SBDIP
HCS02K/
Sample
+25oC
Sample
14 Lead Ceramic
Flatpack
HCS02HMSR
+25oC
Die
Die
August 1995
Spec Number
518744
File Number
2433.2


Similar Part No. - HCS02MS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS02MS RENESAS-HCS02MS Datasheet
453Kb / 8P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
More results

Similar Description - HCS02MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS02MS INTERSIL-ACS02MS Datasheet
50Kb / 2P
Radiation Hardened Quad 2-Input NOR Gate
November 1998
ACS08MS INTERSIL-ACS08MS Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input AND Gate
July 1998
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
April 1995
HCTS02MS INTERSIL-HCTS02MS Datasheet
75Kb / 11P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCTS7266MS INTERSIL-HCTS7266MS Datasheet
135Kb / 8P
Radiation Hardened Quad 2-Input Exclusive NOR Gate
August 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
August 1995
HCS02MS RENESAS-HCS02MS Datasheet
453Kb / 8P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCTS02MS RENESAS-HCTS02MS Datasheet
486Kb / 8P
Radiation Hardened Quad2-Input NOR Gate
August 1995
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com