Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS373MS Datasheet (PDF) - Renesas Technology Corp

ACS373MS Datasheet PDF - Renesas Technology Corp
Part # ACS373MS
Download  ACS373MS Download
File Size   418.11 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation HardenedOctal Transparent Latch, Three-State

ACS373MS Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS373MS Datasheet PDF - Renesas Technology Corp

Part # ACS373MS
Download  ACS373MS Click to download

File Size   418.11 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation HardenedOctal Transparent Latch, Three-State

ACS373MS Datasheet (HTML) - Renesas Technology Corp


ACS373MS Product details

Features
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose 300K RAD (Si)
• Single Event Upset (SEU) Immunity
<1 x 10-10 Errors/Bit-Day (Typ)
• SEU LET Threshold >80 MEV-cm2/mg
• Dose Rate Upset >1011 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current 1A at VOL, VOH

Description
The Intersil ACS373MS is a radiation hardened octal transparent latch with three-state outputs. The outputs are transparent
to the inputs when the latch enable (LE) is high. When the LE
goes low, the data is latched. When the Output Enable (OE) is
high, the outputs are in the high impedance state. The latch
operation is independent of the state of the output enable.
The ACS373MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of the
radiation hardened, high-speed, CMOS/SOS Logic Family




Similar Part No. - ACS373MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS373MS INTERSIL-ACS373MS Datasheet
91Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
More results


Similar Description - ACS373MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS373MS INTERSIL-ACS373MS Datasheet
91Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACS573MS INTERSIL-ACS573MS Datasheet
45Kb / 4P
Radiation Hardened Octal Three-State Transparent Latch
January 1996
ACTS373MS INTERSIL-ACTS373MS Datasheet
91Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
ACTS573MS INTERSIL-ACTS573MS Datasheet
45Kb / 3P
Radiation Hardened Octal Three-State Transparent Latch
January 1996
HCS373T INTERSIL-HCS373T Datasheet
95Kb / 3P
Radiation Hardened Octal Transparent Latch, Three-State
July 1999
HCS573MS INTERSIL-HCS573MS Datasheet
144Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
September 1995
HCTS373MS INTERSIL-HCTS373MS Datasheet
277Kb / 11P
Radiation Hardened Octal Transparent Latch, Three-State
August 1995
logo
Renesas Technology Corp
ACTS373MS RENESAS-ACTS373MS Datasheet
416Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
April 1995
HCS373MS RENESAS-HCS373MS Datasheet
547Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
September 1995
HCS573MS RENESAS-HCS573MS Datasheet
445Kb / 10P
Radiation Hardened Octal Transparent Latch, Three-State
September 1995
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com