Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS373MS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ACS373MS
Description  Radiation HardenedOctal Transparent Latch, Three-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ACS373MS Datasheet(HTML) 2 Page - Renesas Technology Corp

  ACS373MS Datasheet HTML 1Page - Renesas Technology Corp ACS373MS Datasheet HTML 2Page - Renesas Technology Corp ACS373MS Datasheet HTML 3Page - Renesas Technology Corp ACS373MS Datasheet HTML 4Page - Renesas Technology Corp ACS373MS Datasheet HTML 5Page - Renesas Technology Corp ACS373MS Datasheet HTML 6Page - Renesas Technology Corp ACS373MS Datasheet HTML 7Page - Renesas Technology Corp ACS373MS Datasheet HTML 8Page - Renesas Technology Corp ACS373MS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACS373MS
FN3999 Rev 0.00
Page 2 of 10
April 1995
Absolute Maximum Ratings
Reliability Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.0V
Input Voltage Range, All Inputs . . . . . . . . . . . . .-0.5V to VCC +0.5V
DC Input Current, Any One Input
10mA
DC Drain Current, Any One Output
50mA
Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +265oC
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
(All Voltages Reference to VSS)
Thermal Impedance
JA
JC
DIP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
72oC/W
24oC/W
Flatpack . . . . . . . . . . . . . . . . . . . . . . . . . .
107oC/W
28oC/W
Maximum Package Power Dissipation at +125oC
DIP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.7W
Flatpack . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5W
Maximum Device Power Dissipation. . . . . . . . . . . . . . . . . . .(TBD)W
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 121 Gates
CAUTION: As with all semiconductors, stress listed under “Absolute Maximum Ratings” may be applied to devices (one at a time) without resulting in permanent
damage. This is a stress rating only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. The conditions listed
under “Electrical Performance Characteristics” are the only conditions recommended for satisfactory device operation.
Operating Conditions
Supply Voltage (VCC). . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Input Rise and Fall Times at VCC = 4.5V (TR, TF) . . . . 10ns/V Max
Operating Temperature Range (TA) . . . . . . . . . . . . -55oC to +125oC
Input High Voltage (VIH) . . . . . . . . . . . . . . . . . . VCC to 70% of VCC
Input Low Voltage (VIL). . . . . . . . . . . . . . . . . . . 0.0V to 30% of VCC
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
ICC
VCC = 5.5V,
VIN = VCC or GND
1+25oC-
20
A
2, 3
+125oC, -55oC
-
400
A
Output Current
(Source)
IOH
VCC = VIH = 4.5V,
VOUT = VCC -0.4V,
VIL = 0V, (Note 2)
1+25oC-12
-
mA
2, 3
+125oC, -55oC-8
-
mA
Output Current
(Sink)
IOL
VCC = VIH = 4.5V,
VOUT = 0.4V, VIL = 0V,
(Note 2)
1+25oC12
-
mA
2, 3
+125oC, -55oC8
-
mA
Output Voltage High
VOH
VCC = 5.5V, VIH = 3.85V
VIL = 1.65V, IOH = -50
A
1, 2, 3
+25oC, +125oC, -55oC
VCC -0.1
-
V
VCC = 4.5V, VIH = 3.15V,
VIL = 1.35V, IOH = -50
A
1, 2, 3
+25oC, +125oC, -55oC
VCC -0.1
-
V
Output Voltage Low
VOL
VCC = 5.5V, VIH = 3.85V
VIL = 1.65V, IOH = 50
A
1, 2, 3
+25oC, +125oC, -55oC-
0.1
V
VCC = 4.5V, VIH = 3.15V,
VIL = 1.35V, IOH = 50
A
1, 2, 3
+25oC, +125oC, -55oC-
0.1
V
Input Leakage
Current
IIN
VCC = 5.5V,
VIN = VCC or GND
1+25oC-
0.5
A
2, 3
+125oC, -55oC-
1.0
A
Three-State Output
Leakage Current
IOZ
VCC = 5.5V,
Force Voltage = 0V or VCC
1+25oC-
1
A
2, 3
+125oC, -55oC-
35
A
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 3.15V,
VIL = 1.35V, (Note 3)
7, 8A, 8B
+25oC, +125oC, -55oC-
-
V
NOTE:
1. All voltages referenced to device GND.
2. Force/measure functions may be interchanged.
3. For functional tests, VO
4.0V is recognized as a logic “1”, and VO 0.5V is recognized as a logic “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com