Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS74K Datasheet (PDF) - Renesas Technology Corp

ACTS74K Datasheet PDF - Renesas Technology Corp
Part # ACTS74K
Download  ACTS74K Download
File Size   125.75 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Dual D Flip Flop with Set and Reset

ACTS74K Datasheet (PDF)

Go To PDF Page Download Datasheet
ACTS74K Datasheet PDF - Renesas Technology Corp

Part # ACTS74K
Download  ACTS74K Click to download

File Size   125.75 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Dual D Flip Flop with Set and Reset

ACTS74K Datasheet (HTML) - Renesas Technology Corp


ACTS74K Product details

Features
• Devices QML Qualified in Accordance with MIL-PRFF-38535
• Detailed Electrical and Screening Requirements are Contained in
SMD# 5962-96713 and Intersil’s QM Plan
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >300K RAD (Si)
• Single Event Upset (SEU) Immunity: <1 x 10-10 Errors/Bit/Day
(Typ)
• SEU LET Threshold . . . . . . . . . . . . . . . . . . . . . . . >100 MEV-cm2/mg
• Dose Rate Upset . . . . . . . . . . . . . . . . >1011 RAD (Si)/s, 20ns Pulse
• Dose Rate Survivability. . . . . . . . . . . >1012 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range . . . . . . . . . . . . . . . . . . -55oC to +125oC
• Significant Power Reduction Compared to ALSTTL Logic
• DC Operating Voltage Range . . . . . . . . . . . . . . . . . . . . 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current ≤ 1µA at VOL, VOH
• Fast Propagation Delay . . . . . . . . . . . . . . . . 20ns (Max), 13ns (Typ)

Description
The Intersil ACTS74MS is a Radiation Hardened Dual D Flip Flop with
Set(s) and Reset (R). The logic level at data input is transferred to the
output during the positive transition of the clock. The Set and Reset are
independent from the clock and accomplished by a low level on the
appropriate input.
The ACTS74MS utilizes advanced CMOS/SOS technology to achieve
high-speed operation. This device is a member of a radiation hardened,
high-speed, CMOS/SOS Logic Family.
The ACTS74MS is supplied in a 14 lead Ceramic Flatpack (K suffix) or a
14 Lead Ceramic Dual-In-Line Package (D suffix).




Similar Part No. - ACTS74K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS74K INTERSIL-ACTS74K Datasheet
115Kb / 3P
Radiation Hardened Dual D Flip Flop with Set and Reset
January 1996
More results


Similar Description - ACTS74K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS109MS INTERSIL-ACS109MS Datasheet
39Kb / 2P
Radiation Hardened Dual J-K Flip-Flop with Set and Reset
July 1999
HCS74MS INTERSIL-HCS74MS Datasheet
175Kb / 9P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
HCS74T INTERSIL-HCS74T Datasheet
124Kb / 3P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
July 1999
HCTS74MS INTERSIL-HCTS74MS Datasheet
176Kb / 10P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
HCTS74T INTERSIL-HCTS74T Datasheet
124Kb / 3P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
July 1999
ACTS74MS INTERSIL-ACTS74MS Datasheet
115Kb / 3P
Radiation Hardened Dual D Flip Flop with Set and Reset
January 1996
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
Dual D Flip-Flop with Set and Reset
logo
Renesas Technology Corp
HCS74MS RENESAS-HCS74MS Datasheet
407Kb / 9P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
HCTS74MS RENESAS-HCTS74MS Datasheet
407Kb / 9P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com