Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS74MS Datasheet (PDF) - Intersil Corporation

HCS74MS Datasheet PDF - Intersil Corporation
Part # HCS74MS
Download  HCS74MS Download
File Size   175.12 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual-D Flip-Flop with Set and Reset

HCS74MS Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS74MS Datasheet PDF - Intersil Corporation

Part # HCS74MS
Download  HCS74MS Click to download

File Size   175.12 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual-D Flip-Flop with Set and Reset

HCS74MS Datasheet (HTML) - Intersil Corporation


HCS74MS Product details

Description
The Intersil HCS74MS is a Radiation Hardened positive edge triggered flip-flop with set and reset.
The HCS74MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS74MS is supplied in a 14 lead Ceramic flatpack (K suffix) or a SBDIP Package (D suffix).

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55°C to +125°C
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
    - VIL = 30% of VCC Max
    - VIH = 70% of VCC Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - HCS74MS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS74MS RENESAS-HCS74MS Datasheet
407Kb / 9P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
More results


Similar Description - HCS74MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS109MS INTERSIL-ACS109MS Datasheet
39Kb / 2P
Radiation Hardened Dual J-K Flip-Flop with Set and Reset
July 1999
HCS74T INTERSIL-HCS74T Datasheet
124Kb / 3P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
July 1999
HCTS74MS INTERSIL-HCTS74MS Datasheet
176Kb / 10P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
HCTS74T INTERSIL-HCTS74T Datasheet
124Kb / 3P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
July 1999
ACTS74MS INTERSIL-ACTS74MS Datasheet
115Kb / 3P
Radiation Hardened Dual D Flip Flop with Set and Reset
January 1996
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
Dual D Flip-Flop with Set and Reset
logo
Renesas Technology Corp
ACTS74MS RENESAS-ACTS74MS Datasheet
125Kb / 3P
Radiation Hardened Dual D Flip Flop with Set and Reset
January 1996
HCS74MS RENESAS-HCS74MS Datasheet
407Kb / 9P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
HCTS74MS RENESAS-HCTS74MS Datasheet
407Kb / 9P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com