Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS74MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # HCS74MS
Description  Radiation Hardened Dual-D Flip-Flop with Set and Reset
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS74MS Datasheet(HTML) 1 Page - Intersil Corporation

  HCS74MS Datasheet HTML 1Page - Intersil Corporation HCS74MS Datasheet HTML 2Page - Intersil Corporation HCS74MS Datasheet HTML 3Page - Intersil Corporation HCS74MS Datasheet HTML 4Page - Intersil Corporation HCS74MS Datasheet HTML 5Page - Intersil Corporation HCS74MS Datasheet HTML 6Page - Intersil Corporation HCS74MS Datasheet HTML 7Page - Intersil Corporation HCS74MS Datasheet HTML 8Page - Intersil Corporation HCS74MS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
83
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
Ordering Information
PART NUMBER
TEMPERATURE RANGE
SCREENING LEVEL
PACKAGE
HCS74DMSR
-55oC to +125oC
Intersil Class S Equivalent
14 Lead SBDIP
HCS74KMSR
-55oC to +125oC
Intersil Class S Equivalent
14 Lead Ceramic Flatpack
HCS74D/Sample
+25oC
Sample
14 Lead SBDIP
HCS74K/Sample
+25oC
Sample
14 Lead Ceramic Flatpack
HCS74HMSR
+25oC
Die
Die
HCS74MS
Radiation Hardened Dual-D
Flip-Flop with Set and Reset
Pinouts
14 LEAD CERAMIC DUAL-IN-LINE
METAL SEAL PACKAGE (SBDIP)
MIL-STD-1835 CDIP2-T14, LEAD FINISH C
TOP VIEW
14 LEAD CERAMIC METAL SEAL
FLATPACK PACKAGE (FLATPACK)
MIL-STD-1835 CDFP3-F14, LEAD FINISH C
TOP VIEW
R1N
D1
CP1
S1N
Q1
Q1N
GND
VCC
R2N
D2
CP2
S2N
Q2
Q2N
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
R1
D1
CP1
S1
Q1
Q1
GND
VCC
R2
D2
CP2
S2
Q2
Q2
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/
Bit-Day (Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCS74MS is a Radiation Hardened positive
edge triggered flip-flop with set and reset.
The HCS74MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCS74MS is supplied in a 14 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
September 1995
Spec Number
518772
File Number
2142.2


Similar Part No. - HCS74MS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HCS74MS RENESAS-HCS74MS Datasheet
407Kb / 9P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
More results

Similar Description - HCS74MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS109MS INTERSIL-ACS109MS Datasheet
39Kb / 2P
Radiation Hardened Dual J-K Flip-Flop with Set and Reset
July 1999
HCS74T INTERSIL-HCS74T Datasheet
124Kb / 3P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
July 1999
HCTS74MS INTERSIL-HCTS74MS Datasheet
176Kb / 10P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
HCTS74T INTERSIL-HCTS74T Datasheet
124Kb / 3P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
July 1999
ACTS74MS INTERSIL-ACTS74MS Datasheet
115Kb / 3P
Radiation Hardened Dual D Flip Flop with Set and Reset
January 1996
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
Dual D Flip-Flop with Set and Reset
logo
Renesas Technology Corp
ACTS74MS RENESAS-ACTS74MS Datasheet
125Kb / 3P
Radiation Hardened Dual D Flip Flop with Set and Reset
January 1996
HCS74MS RENESAS-HCS74MS Datasheet
407Kb / 9P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
HCTS74MS RENESAS-HCTS74MS Datasheet
407Kb / 9P
Radiation Hardened Dual-D Flip-Flop with Set and Reset
September 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com