Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS74MS Datasheet(PDF) 5 Page - Intersil Corporation

Part # HCS74MS
Description  Radiation Hardened Dual-D Flip-Flop with Set and Reset
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS74MS Datasheet(HTML) 5 Page - Intersil Corporation

  HCS74MS Datasheet HTML 1Page - Intersil Corporation HCS74MS Datasheet HTML 2Page - Intersil Corporation HCS74MS Datasheet HTML 3Page - Intersil Corporation HCS74MS Datasheet HTML 4Page - Intersil Corporation HCS74MS Datasheet HTML 5Page - Intersil Corporation HCS74MS Datasheet HTML 6Page - Intersil Corporation HCS74MS Datasheet HTML 7Page - Intersil Corporation HCS74MS Datasheet HTML 8Page - Intersil Corporation HCS74MS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
87
Specifications HCS74MS
TABLE 4. DC POST RADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
TEMPERATURE
200K RAD
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V, VIN = VCC or GND
+25oC
-
0.4
mA
Output Current (Sink)
IOL
VCC = 4.5V, VIN = VCC or GND,
VOUT = 0.4V
+25oC
4.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIN = VCC or GND,
VOUT = VCC -0.4V
+25oC
-4.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V and 5.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), IOL = 50
µA
+25oC
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V and 5.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), IOH = -50
µA
+25oC
VCC
-0.1
-V
Input Leakage Current
IIN
VCC = 5.5V, VIN = VCC or GND
+25oC-
±5
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V, VIH = 0.70(VCC),
VIL = 0.30(VCC), (Note 3)
+25oC
---
CP to Q, Q
TPHL
VCC = 4.5V
+25oC
2
32
ns
TPLH
VCC = 4.5V
+25oC
2
31
ns
S to Q
TPLH
VCC = 4.5V
+25oC
2
31
ns
S to Q
TPHL
VCC = 4.5V
+25oC
2
32
ns
R to Q
TPHL
VCC = 4.5V
+25oC
2
29
ns
R to Q
TPLH
VCC = 4.5V
+25oC
2
30
ns
NOTES:
1. All voltages referenced to device GND.
2. AC measurements assume RL = 500
Ω, CL = 50pF, Input TR = TF = 3ns, VIL = GND, VIH = VCC.
3. For functional tests VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
TABLE 5. BURN-IN AND OPERATING LIFE TEST, DELTA PARAMETERS (+25oC)
PARAMETER
GROUP B
SUBGROUP
DELTA LIMIT
ICC
5
6
µA
IOL/IOH
5
-15% of 0 Hour
Spec Number
518772



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com