Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS74MS Datasheet(PDF) 3 Page - Intersil Corporation

Part # HCS74MS
Description  Radiation Hardened Dual-D Flip-Flop with Set and Reset
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HCS74MS Datasheet(HTML) 3 Page - Intersil Corporation

  HCS74MS Datasheet HTML 1Page - Intersil Corporation HCS74MS Datasheet HTML 2Page - Intersil Corporation HCS74MS Datasheet HTML 3Page - Intersil Corporation HCS74MS Datasheet HTML 4Page - Intersil Corporation HCS74MS Datasheet HTML 5Page - Intersil Corporation HCS74MS Datasheet HTML 6Page - Intersil Corporation HCS74MS Datasheet HTML 7Page - Intersil Corporation HCS74MS Datasheet HTML 8Page - Intersil Corporation HCS74MS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
85
Specifications HCS74MS
Absolute Maximum Ratings
Reliability Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7.0V
Input Voltage Range, All Inputs . . . . . . . . . . . . .-0.5V to VCC +0.5V
DC Input Current, Any One Input
. . . . . . . . . . . . . . . . . . . . . . . .±10mA
DC Drain Current, Any One Output
. . . . . . . . . . . . . . . . . . . . . . .±25mA
(All Voltage Reference to the VSS Terminal)
Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC
Lead Temperature (Soldering 10sec) . . . . . . . . . . . . . . . . . . +265oC
Junction Temperature (TJ) . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance
θ
JA
θ
JC
SBDIP Package. . . . . . . . . . . . . . . . . . . .
74oC/W
24oC/W
Ceramic Flatpack Package . . . . . . . . . . .
116oC/W
30oC/W
Maximum Package Power Dissipation at +125oC Ambient
SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.68W
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . . . . 0.43W
If device power exceeds package dissipation capability, provide heat
sinking or derate linearly at the following rate:
SBDIP Package. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13.5mW/oC
Ceramic Flatpack Package . . . . . . . . . . . . . . . . . . . . . . 8.6mW/oC
CAUTION: As with all semiconductors, stress listed under “Absolute Maximum Ratings” may be applied to devices (one at a time) without resulting in permanent
damage. This is a stress rating only. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. The conditions listed
under “Electrical Performance Characteristics” are the only conditions recommended for satisfactory device operation..
Operating Conditions
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Input Rise and Fall Times at 4.5V VCC (TR, TF) . . . . . 100ns/V Max
Operating Temperature Range (TA) . . . . . . . . . . . . -55
oC to +125oC
Input Low Voltage (VIL). . . . . . . . . . . . . . . . . . . 0.0V to 30% of VCC
Input High Voltage (VIH) . . . . . . . . . . . . . . . . . . 70% of VCC to VCC
TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
GROUP
A SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Quiescent Current
ICC
VCC = 5.5V,
VIN = VCC or GND
1
+25oC-
20
µA
2, 3
+125oC, -55oC
-
400
µA
Output Current
(Sink)
IOL
VCC = 4.5V, VIH = 4.5V,
VOUT = 0.4V, VIL = 0V
1
+25oC
4.8
-
mA
2, 3
+125oC, -55oC
4.0
-
mA
Output Current
(Source)
IOH
VCC = 4.5V, VIH = 4.5V,
VOUT = VCC -0.4V,
VIL = 0V
1
+25oC
-4.8
-
mA
2, 3
+125oC, -55oC
-4.0
-
mA
Output Voltage Low
VOL
VCC = 4.5V, VIH = 3.15V,
IOL = 50
µA, VIL = 1.35V
1, 2, 3
+25oC, +125oC, -55oC
-
0.1
V
VCC = 5.5V, VIH = 3.85V,
IOL = 50
µA, VIL = 1.65V
1, 2, 3
+25oC, +125oC, -55oC
-
0.1
V
Output Voltage High
VOH
VCC = 4.5V, VIH = 3.15V,
IOH = -50
µA, VIL = 1.35V
1, 2, 3
+25oC, +125oC, -55oC
VCC
-0.1
-V
VCC = 5.5V, VIH = 3.85V,
IOH = -50
µA, VIL = 1.65V
1, 2, 3
+25oC, +125oC, -55oC
VCC
-0.1
-V
Input Leakage
Current
IIN
VCC = 5.5V, VIN = VCC or
GND
1
+25oC-
±0.5
µA
2, 3
+125oC, -55oC-
±5.0
µA
Noise Immunity
Functional Test
FN
VCC = 4.5V,
VIH = 0.70(VCC), (Note 2)
VIL = 0.30(VCC)
7, 8A, 8B
+25oC, +125oC, -55oC
---
NOTES:
1. All voltages reference to device GND.
2. For functional tests, VO
≥ 4.0V is recognized as a logic “1”, and VO ≤ 0.5V is recognized as a logic “0”.
Spec Number
518772



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com