Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1015S Datasheet (PDF) - Renesas Technology Corp

ADC1015S Datasheet PDF - Renesas Technology Corp
Part # ADC1015S
Download  ADC1015S Download
File Size   386.48 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs

ADC1015S Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC1015S Datasheet PDF - Renesas Technology Corp

Part # ADC1015S
Download  ADC1015S Click to download

File Size   386.48 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs

ADC1015S Datasheet (HTML) - Renesas Technology Corp


ADC1015S Product details

General description
The ADC1015S is a single channel 10-bit Analog-to-Digital Converter (ADC) optimized for
high dynamic performances and low power consumption at sample rates up to 125 Msps.
Pipelined architecture and output error correction ensure the ADC1015S is accurate
enough to guarantee zero missing codes over the entire operating range. Supplied from a
single 3 V source, it can handle output logic levels from 1.8 V to 3.3 V in CMOS mode,
because of a separate digital output supply.
The ADC1015S supports the Low Voltage Differential Signalling (LVDS) Double Data
Rate (DDR) output standard. An integrated Serial Peripheral Interface (SPI) allows the
user to easily configure the ADC.
The device also includes a SPI programmable full-scale to allow flexible input voltage
range from 1 V to 2 V (peak-to-peak). With excellent dynamic performance from the
baseband to input frequencies of 170 MHz or more, the ADC1015S is ideal for use in
communications, imaging and medical applications - especially in high Intermediate
Frequency (IF) applications because of the integrated input buffer. The input buffer
ensures that the input impedance remains constant and low and the performance
consistent over a wide frequency range

Features and benefits
 SNR, 61.7 dBFS / SFDR, 86 dBc  Input bandwidth, 600 MHz
 Sample rate up to 125 Msps  Power dissipation, 635 mW at 80 Msps,
including analog input buffer
 10-bit pipelined ADC core  Serial Peripheral Interface (SPI)
 Clock input divided by 2 for less jitter
contribution
 Duty cycle stabilizer
 Integrated input buffer  Fast OuT-of-Range (OTR) detection
 Flexible input voltage range:
1 V (p-p) to 2 V (p-p)
 Offset binary, two’s complement, gray
code
 CMOS or LVDS DDR digital outputs  Power-down mode and Sleep mode
 Pin compatible with the ADC1415S
series, the ADC1215S series and the
ADC1115S125
 HVQFN40 package




Similar Part No. - ADC1015S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1015S NXP-ADC1015S Datasheet
287Kb / 39P
Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps Rev. 01 - 12 April 2010 Preliminary data sheet
Rev. 01-12 April 2010
logo
Integrated Device Techn...
ADC1015S IDT-ADC1015S Datasheet
382Kb / 40P
Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
ADC1015S065HN-C1 IDT-ADC1015S065HN-C1 Datasheet
382Kb / 40P
Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1015S065HN/C1 NXP-ADC1015S065HN/C1 Datasheet
287Kb / 39P
Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps Rev. 01 - 12 April 2010 Preliminary data sheet
Rev. 01-12 April 2010
logo
Integrated Device Techn...
ADC1015S080HN-C1 IDT-ADC1015S080HN-C1 Datasheet
382Kb / 40P
Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
More results


Similar Description - ADC1015S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1010S NXP-ADC1010S Datasheet
284Kb / 36P
Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
ADC1215S NXP-ADC1215S Datasheet
287Kb / 39P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 01-12 April 2010
ADC1415S NXP-ADC1415S Datasheet
288Kb / 39P
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
logo
Integrated Device Techn...
ADC1010S IDT-ADC1010S Datasheet
386Kb / 37P
Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
ADC1015S IDT-ADC1015S Datasheet
382Kb / 40P
Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
ADC1215S IDT-ADC1215S Datasheet
383Kb / 40P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
ADC1415S IDT-ADC1415S Datasheet
383Kb / 40P
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1010S RENESAS-ADC1010S Datasheet
390Kb / 37P
Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
ADC1215S RENESAS-ADC1215S Datasheet
386Kb / 40P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps with input buffer; CMOS or LVDS DDR digital outputs
2 July 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com