Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1213D Datasheet (PDF) - Renesas Technology Corp

ADC1213D Datasheet PDF - Renesas Technology Corp
Part # ADC1213D
Download  ADC1213D Download
File Size   598.59 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface

ADC1213D Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC1213D Datasheet PDF - Renesas Technology Corp

Part # ADC1213D
Download  ADC1213D Click to download

File Size   598.59 Kbytes
Page   40 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface

ADC1213D Datasheet (HTML) - Renesas Technology Corp


ADC1213D Product details

General description
The ADC1213D is a dual-channel 12-bit Analog-to-Digital Converter (ADC) optimized for
high dynamic performance and low power at sample rates up to 125 Msps. Pipelined
architecture and output error correction ensure the ADC1213D is accurate enough to
guarantee zero missing codes over the entire operating range. Supplied from a 3 V
source for analog and a 1.8 V source for the output driver, it embeds two serial outputs.
Each lane is differential and complies with the JESD204A standard. An integrated Serial
Peripheral Interface (SPI) allows the user to easily configure the ADC. A set of IC
configurations is also available via the binary level control pins taken, which are used at
power-up. The device also includes a programmable full-scale SPI to allow flexible input
voltage range of 1 V to 2 V (peak-to-peak).
Excellent dynamic performance is maintained from the baseband to input frequencies of
170 MHz or more, making the ADC1213D ideal for use in communications, imaging, and
medical applications.

Features and benefits
 SNR, 70 dBFS; SFDR, 86 dBc  Input bandwidth, 600 MHz
 Sample rate up to 125 Msps  Power dissipation, 995 mW at 80 Msps
 Clock input divided by 2 for less jitter
contribution
 SPI register programming
 3 V, 1.8 V single supplies  Duty cycle stabilizer (DCS)
 Flexible input voltage range:
1 V (p-p) to 2 V (p-p)
 High IF capability
 Two configurable serial outputs  Offset binary, two’s complement, gray
code
 Compliant with JESD204A serial
transmission standard
 Power-down mode and Sleep mode
 Pin compatible with the
ADC1613D series, ADC1413D series,
and ADC1113D125
 HVQFN56 package




Similar Part No. - ADC1213D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
ADC1213D NXP-ADC1213D Datasheet
1Mb / 42P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
ADC1213D NXP-ADC1213D Datasheet
661Kb / 42P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213D065 NXP-ADC1213D065 Datasheet
214Kb / 38P
Dual 12-bit ADC; 65, 80, 105 or 125 Msps
Rev. 02-17 June 2009
More results


Similar Description - ADC1213D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D_11 Datasheet
1Mb / 42P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
ADC1213S_1106 NXP-ADC1213S_1106 Datasheet
744Kb / 39P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
ADC1613D NXP-ADC1613D_11 Datasheet
622Kb / 43P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 3-9 February 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1213S RENESAS-ADC1213S Datasheet
711Kb / 37P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com