Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1213S Datasheet (PDF) - Renesas Technology Corp

ADC1213S Datasheet PDF - Renesas Technology Corp
Part # ADC1213S
Download  ADC1213S Download
File Size   711.72 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface

ADC1213S Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC1213S Datasheet PDF - Renesas Technology Corp

Part # ADC1213S
Download  ADC1213S Click to download

File Size   711.72 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface

ADC1213S Datasheet (HTML) - Renesas Technology Corp


ADC1213S Product details

General description
The ADC1213S is a single channel 12-bit Analog-to-Digital Converter (ADC) optimized for
high dynamic performance and low power at sample rates up to 125 Msps. Pipelined
architecture and output error correction ensure the ADC1213S is accurate enough to
guarantee zero missing codes over the entire operating range. Supplied from a 3 V source
for analog and a 1.8 V source for the output driver, it outputs data in serial mode via a
single differential lane, which complies with the JESD204A standard. The integration of
Serial Peripheral Interface (SPI) allows the user to easily configure the ADCs and the
serial output modes. The device also includes a programmable full-scale SPI to allow a
flexible input voltage range from 1 V (p-p) to 2 V (p-p).
Excellent dynamic performance is maintained from the baseband to input frequencies of
170 MHz or more, making the ADC1213S ideal for use in communications, imaging, and
medical applications.

Features and benefits
 SNR, 70 dBFS; SFDR, 86 dBc  Input bandwidth, 600 MHz
 Sample rates up to 125 Msps  Power dissipation, 550 mW at 80 Msps
 Single channel, 12-bit pipelined ADC
core
 SPI register programming
 3 V, 1.8 V power supplies  Duty cycle stabilizer
 Flexible input voltage range: 1 V (p-p)
to 2 V (p-p)
 High Intermediate Frequency (IF)
capability
 Serial output  Offset binary, two’s complement, gray
code
 Compliant with JESD204A serial
transmission standard
 Power-down mode and Sleep mode
 Pin compatible with ADC1613S series,
ADC1413S series, and ADC1113S125
 HVQFN32 package




Similar Part No. - ADC1213S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
ADC1213S NXP-ADC1213S Datasheet
744Kb / 39P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
logo
Integrated Device Techn...
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1213S065C1 NXP-ADC1213S065C1 Datasheet
666Kb / 39P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
ADC1213S065C1 NXP-ADC1213S065C1 Datasheet
744Kb / 39P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
More results


Similar Description - ADC1213S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D_11 Datasheet
1Mb / 42P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 6-9 February 2011
ADC1213S NXP-ADC1213S Datasheet
666Kb / 39P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 1-14 March 2011
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
ADC1213S_1106 NXP-ADC1213S_1106 Datasheet
744Kb / 39P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1213S IDT-ADC1213S Datasheet
708Kb / 37P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1213D RENESAS-ADC1213D Datasheet
598Kb / 40P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com