Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCTW60N120G2AG Datasheet (PDF) - STMicroelectronics

SCTW60N120G2AG Datasheet PDF - STMicroelectronics
Part # SCTW60N120G2AG
Download  SCTW60N120G2AG Download
File Size   197.08 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade silicon carbide Power MOSFET 1200 V, 52 A, 45 mΩ (typ., TJ = 25 °C) in an HiP247 package

SCTW60N120G2AG Datasheet (PDF)

Go To PDF Page Download Datasheet
SCTW60N120G2AG Datasheet PDF - STMicroelectronics

Part # SCTW60N120G2AG
Download  SCTW60N120G2AG Click to download

File Size   197.08 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade silicon carbide Power MOSFET 1200 V, 52 A, 45 mΩ (typ., TJ = 25 °C) in an HiP247 package

SCTW60N120G2AG Datasheet (HTML) - STMicroelectronics


SCTW60N120G2AG Product details

Features
• AEC-Q101 qualified
• High speed switching performance
• Very fast and robust intrinsic body diode
• Low capacitances
• Very high operating junction temperature capability (TJ = 200 °C)

Applications
• DC-DC converters
• Solar Inverters and renewable energy
• SMPS
• OBC

Description
This silicon carbide Power MOSFET is produced exploiting the advanced, innovative
properties of wide bandgap materials. This results in unsurpassed on-resistance per
unit area and very good switching performance almost independent of temperature.
The outstanding thermal properties of the SiC material allow designers to use an
industry-standard outline with significantly improved thermal capability. These
features render the device perfectly suitable for high-efficiency and high power
density applications.




Similar Part No. - SCTW60N120G2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCTW60N120G2 STMICROELECTRONICS-SCTW60N120G2 Datasheet
201Kb / 12P
Silicon carbide Power MOSFET 1200 V, 35 mΩ typ., 60 A in an HiP247 package
14-Jun-2021
More results


Similar Description - SCTW60N120G2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCTH35N65G2V-7AG STMICROELECTRONICS-SCTH35N65G2V-7AG Datasheet
620Kb / 15P
Automotive-grade silicon carbide Power MOSFET, 650 V, 45 A,55 mΩ (typ., TJ = 25 °C) in an H2PAK-7 package
24-Jan-2020
SCTW100N65G2AG STMICROELECTRONICS-SCTW100N65G2AG Datasheet
423Kb / 11P
Automotive-grade silicon carbide Power MOSFET 650 V, 100 A,20 mΩ (typ., TJ=25 °C), in an HiP247™ package
21-Nov-2018
SCTW100N120G2AG STMICROELECTRONICS-SCTW100N120G2AG Datasheet
217Kb / 11P
Automotive-grade silicon carbide Power MOSFET 1200 V, 75 A,30 mΩ (typ., TJ=25 °C), in an HiP247 package
23-Jul-2020
SCTW35N65G2VAG STMICROELECTRONICS-SCTW35N65G2VAG Datasheet
206Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 45 A, 55 mΩ (typ., TJ = 25 °C) in an HiP247 package
09-Sep-2020
SCTWA35N65G2VAG STMICROELECTRONICS-SCTWA35N65G2VAG Datasheet
243Kb / 12P
Automotive-grade silicon carbide Power MOSFET 650 V, 45 A, 55 mΩ (typ., TJ = 25 °C) in an HiP247 long leads package
11-Aug-2020
SCTWA60N120G2AG STMICROELECTRONICS-SCTWA60N120G2AG Datasheet
242Kb / 12P
Automotive-grade silicon carbide Power MOSFET 1200 V, 45 mΩ typ., 52 A in an HiP247 long leads package
16-Dec-2020
SCT10N120AG STMICROELECTRONICS-SCT10N120AG Datasheet
238Kb / 14P
Automotive-grade silicon carbide Power MOSFET 1200 V, 12 A, 520 mΩ (typ., TJ = 150 °C) in an HiP247 package
21-Sep-2022
SCTH100N120G2-AG STMICROELECTRONICS-SCTH100N120G2-AG Datasheet
439Kb / 14P
Automotive-grade silicon carbide Power MOSFET, 1200 V, 75 A, 30 mΩ (typ., TJ = 25 °C) in an H2PAK-7 package
23-Jul-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com